Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 10Page - Renesas Technology Corp HD6432137SW Datasheet HTML 11Page - Renesas Technology Corp HD6432137SW Datasheet HTML 12Page - Renesas Technology Corp HD6432137SW Datasheet HTML 13Page - Renesas Technology Corp HD6432137SW Datasheet HTML 14Page - Renesas Technology Corp HD6432137SW Datasheet HTML 15Page - Renesas Technology Corp HD6432137SW Datasheet HTML 16Page - Renesas Technology Corp HD6432137SW Datasheet HTML 17Page - Renesas Technology Corp HD6432137SW Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xiv of liv
Item
Page
Revision (See Manual for Details)
B.3 Function
938
STCR H'FFC3 System
Figure amended
7
—
0
R/W
6
IICX1
0
R/W
5
IICX0
0
R/W
4
IICE
0
R/W
3
FLSHE
0
R/W
0
ICKS0
0
R/W
2
—
0
R/W
1
ICKS1
0
R/W
Bit
Initial value
Read/Write
Internal Clock Source
Select 1 and 0*1
Reserved
Flash memory control register enable
0
Flash memory control register not selected
1
Flash memory control register selected
I2C master enable
0
CPU access to SCI0, SCI1, and SCI2 control
registers is enabled
1
CPU access to I2C bus interface data, PWMX data
registers and control registers is enabled
I2C transfer select 1 and 0*2
Reserved
939
SYSCR H'FFC4 System
Figure amended
7
CS2E
0
R/W
6
IOSE
0
R/W
5
INTM1
0
R
4
INTM0
0
R/W
3
XRST
1
R
0
RAME
1
R/W
2
NMIEG
0
R/W
1
HIE
0
R/W
Bit
Initial value
Read/Write
RAM Enable
0
On-chip RAM is disabled
1
On-chip RAM is enabled
Host interface enable
0
Addresses H'(FF)FFF0 to H'(FF)FFF7
and H'(FF)FFFC to H'(FF)FFFF are
used for access to 8-bit timer (channel
X and Y) data registers and control
registers, and timer connection
control registers
1
Addresses H'(FF)FFF0 to H'(FF)FFF7
and H'(FF)FFFC to H'(FF)FFFF are
used for access to host interface data
registers and control registers, and
keyboard controller and MOS input
pull-up control registers
NMI edge select
0
Falling edge
1
Rising edge
External reset
0
Reset generated by watchdog timer overflow
1
Reset generated by an external reset
Interrupt control selection mode 1 and 0
INTM1
Bit 5
Interrupts controlled by I bit
(Initial value)
Interrupts controlled by I and UI bits, and ICR
Cannot be used in the LSI
Cannot be used in the LSI
INTM0
Bit 4
Interrupt
control mode
Description
0
1
00
1
2
3
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com