Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 44Page - Renesas Technology Corp HD6432137SW Datasheet HTML 45Page - Renesas Technology Corp HD6432137SW Datasheet HTML 46Page - Renesas Technology Corp HD6432137SW Datasheet HTML 47Page - Renesas Technology Corp HD6432137SW Datasheet HTML 48Page - Renesas Technology Corp HD6432137SW Datasheet HTML 49Page - Renesas Technology Corp HD6432137SW Datasheet HTML 50Page - Renesas Technology Corp HD6432137SW Datasheet HTML 51Page - Renesas Technology Corp HD6432137SW Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xlviii of liv
Section 9 8-Bit PWM Timers [H8S/2138 Group]
Table 9.1
Pin Configuration ................................................................................................... 243
Table 9.2
PWM Timer Module Registers .............................................................................. 243
Table 9.3
Resolution, PWM Conversion Period, and Carrier Frequency
when
φ = 20 MHz.................................................................................................. 245
Table 9.4
Duty Cycle of Basic Pulse...................................................................................... 251
Table 9.5
Position of Pulses Added to Basic Pulses............................................................... 252
Section 10 14-Bit PWM D/A
Table 10.1
Input and Output Pins............................................................................................. 255
Table 10.2
Register Configuration ........................................................................................... 255
Table 10.3
Read and Write Access Methods for 16-Bit Registers ........................................... 263
Table 10.4
Settings and Operation (Examples when
φ = 10 MHz).......................................... 266
Section 11 16-Bit Free-Running Timer
Table 11.1
Input and Output Pins of Free-Running Timer Module ......................................... 271
Table 11.2
Register Configuration ........................................................................................... 272
Table 11.3
Buffered Input Capture Edge Selection (Example) ................................................ 275
Table 11.4
Free-Running Timer Interrupts .............................................................................. 296
Table 11.5
Switching of Internal Clock and FRC Operation ................................................... 302
Section 12 8-Bit Timers
Table 12.1
8-Bit Timer Input and Output Pins......................................................................... 307
Table 12.2
8-Bit Timer Registers ............................................................................................. 308
Table 12.3
Input Capture Signal Selection............................................................................... 332
Table 12.4
TMR0 and TMR1 8-Bit Timer Interrupt Sources .................................................. 333
Table 12.5
TMRX 8-Bit Timer Interrupt Source ..................................................................... 333
Table 12.6
TMRY 8-Bit Timer Interrupt Sources .................................................................... 333
Table 12.7
Timer Output Priorities .......................................................................................... 338
Table 12.8
Switching of Internal Clock and TCNT Operation ................................................ 339
Section 13 Timer Connection [H8S/2138 Group]
Table 13.1
Timer Connection Input and Output Pins............................................................... 343
Table 13.2
Register Configuration ........................................................................................... 344
Table 13.3
Examples of TCR Settings ..................................................................................... 356
Table 13.4
Examples of TCORB (Pulse Width Threshold) Settings ....................................... 356
Table 13.5
Examples of TCR and TCSR Settings.................................................................... 359
Table 13.6
Examples of TCR, TCSR, TCOR, and OCRDM Settings...................................... 361
Table 13.7
Examples of TCORB, TCR, and TCSR Settings ................................................... 363
Table 13.8
Examples of OCRAR, OCRAF, TOCR, TCORA, TCORB, TCR,
and TCSR Settings ................................................................................................. 365



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com