Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 69Page - Renesas Technology Corp HD6432137SW Datasheet HTML 70Page - Renesas Technology Corp HD6432137SW Datasheet HTML 71Page - Renesas Technology Corp HD6432137SW Datasheet HTML 72Page - Renesas Technology Corp HD6432137SW Datasheet HTML 73Page - Renesas Technology Corp HD6432137SW Datasheet HTML 74Page - Renesas Technology Corp HD6432137SW Datasheet HTML 75Page - Renesas Technology Corp HD6432137SW Datasheet HTML 76Page - Renesas Technology Corp HD6432137SW Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 19 of 1004
REJ09B0301-0400
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
Operating
mode
control
MD1
MD0
4
5
Input
Mode pins: These pins set the operating mode.
The relation between the settings of pins MD1 and
MD0 and the operating mode is shown below.
These pins should not be changed while the MCU
is operating.
MD1
MD0
Operating
Mode
Description
0
1
Mode 1
Normal
Expanded mode with
on-chip ROM disabled
1
0
Mode 2
Advanced
Expanded mode with
on-chip ROM enabled
or single-chip mode
1
1
Mode 3
Normal
Expanded mode with
on-chip ROM enabled
or single-chip mode
System
control
RES
1
Input
Reset input: When this pin is driven low, the chip is
reset.
STBY
7
Input
Standby: When this pin is driven low, a transition is
made to hardware standby mode.
Address
bus
A15 to
A0
48 to 55,
57 to 64
Output Address bus: These pins output an address.
Data bus
D7 to
D0
72 to 65
Input/
output
Data bus (upper): Bidirectional data bus.
Used for 8-bit data.
Bus control
WAIT
13
Input
Wait: Requests insertion of a wait state in the bus
cycle when accessing external 3-state address
space.
RD
17
Output Read: When this pin is low, it indicates that the
external address space is being read.
WR
16
Output Write: When this pin is low, it indicates that the
external address space is being written to.
AS/IOS
15
Output Address strobe: When this pin is low, it indicates
that address output on the address bus is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com