Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 71Page - Renesas Technology Corp HD6432137SW Datasheet HTML 72Page - Renesas Technology Corp HD6432137SW Datasheet HTML 73Page - Renesas Technology Corp HD6432137SW Datasheet HTML 74Page - Renesas Technology Corp HD6432137SW Datasheet HTML 75Page - Renesas Technology Corp HD6432137SW Datasheet HTML 76Page - Renesas Technology Corp HD6432137SW Datasheet HTML 77Page - Renesas Technology Corp HD6432137SW Datasheet HTML 78Page - Renesas Technology Corp HD6432137SW Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 21 of 1004
REJ09B0301-0400
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
TxD0
TxD1
TxD2
11
78
39
Output Transmit data: Data output pins.
Serial com-
munication
interface
(SCI0, SCI1,
SCI2)
RxD0
RxD1
RxD2
10
79
40
Input
Receive data: Data input pins.
SCK0
SCK1
SCK2
9
80
41
Input/
output
Serial clock: Clock input/output pins.
The SCK0 output type is NMOS push-pull in the
H8S/2138 Group and CMOS output in the
H8S/2134 Group.
SCI with
IrDA (SCI2)
IrTxD
IrRxD
39
40
Output
Input
IrDA transmit data/receive data: Input and output
pins for data encoded for IrDA use.
HDB7 to
HDB0
72 to 65
Input/
output
Host interface data bus: Bidirectional 8-bit bus for
accessing the host interface.
Host
interface
(HIF)
CS1,
CS2,
ECS2
15, 75, 20
Input
Chip select 1 and 2: Input pins for selecting host
interface channel 1 or 2.
IOR
17
Input
I/O read: Input pin that enables reading from the
host interface.
IOW
16
Input
I/O write: Input pin that enables writing to the host
interface.
HA0
74
Input
Command/data: Input pin that indicates whether
an access is a data access or command access.
GA20
75
Output GATE A20: A20 gate control signal output pin.
HIRQ11
HIRQ1
HIRQ12
42
43
44
Output Host interrupt 11, 1, and 12: Output pins for
interrupt requests to the host.
HIFSD
76
Input
Host interface shutdown: Control input pin used
to place host interface input/output pins in the high-
impedance/cutoff state.
Keyboard
control
KIN0 to
KIN7
21 to 24,
25 to 28
Input
Keyboard input: Matrix keyboard input pins.
Normally, P10 to P17 and P20 to P27 are used as
key-scan outputs. This enables a maximum 16-
output
× 16-input, 256-key matrix to be configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com