Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 48Page - Renesas Technology Corp HD6432137SW Datasheet HTML 49Page - Renesas Technology Corp HD6432137SW Datasheet HTML 50Page - Renesas Technology Corp HD6432137SW Datasheet HTML 51Page - Renesas Technology Corp HD6432137SW Datasheet HTML 52Page - Renesas Technology Corp HD6432137SW Datasheet HTML 53Page - Renesas Technology Corp HD6432137SW Datasheet HTML 54Page - Renesas Technology Corp HD6432137SW Datasheet HTML 55Page - Renesas Technology Corp HD6432137SW Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page lii of liv
Table 24.3
Power-Down State Registers.................................................................................. 685
Table 24.4
MSTP Bits and Corresponding On-Chip Supporting Modules .............................. 694
Table 24.5
Oscillation Settling Time Settings.......................................................................... 696
Section 25 Electrical Characteristics
Table 25.1
Power Supply Voltage and Operating Range (1) (F-ZTAT Products) ................... 703
Table 25.1
Power Supply Voltage and Operating Range (2) (F-ZTAT A-Mask Products) ..... 704
Table 25.1
Power Supply Voltage and Operating Range (3) (Mask-ROM Products).............. 704
Table 25.1
Power Supply Voltage and Operating Range (4) (Mask-ROM Products).............. 705
Table 25.2
Absolute Maximum Ratings................................................................................... 706
Table 25.3
DC Characteristics (1) ............................................................................................ 707
Table 25.3
DC Characteristics (2) ............................................................................................ 710
Table 25.3
DC Characteristics (3) ............................................................................................ 713
Table 25.4
Permissible Output Currents .................................................................................. 716
Table 25.5
Bus Drive Characteristics ....................................................................................... 718
Table 25.6
Clock Timing ......................................................................................................... 719
Table 25.7
Control Signal Timing............................................................................................ 720
Table 25.8
Bus Timing............................................................................................................. 721
Table 25.9
Timing of On-Chip Supporting Modules (1).......................................................... 723
Table 25.9
Timing of On-Chip Supporting Modules (2).......................................................... 725
Table 25.10 I
2C Bus Timing....................................................................................................... 726
Table 25.11 A/D Conversion Characteristics
(AN7 to AN0 Input: 134/266-State Conversion) ................................................... 727
Table 25.12 A/D Conversion Characteristics
(CIN7 to CIN0 Input: 134/266-State Conversion) ................................................. 728
Table 25.13 D/A Conversion Characteristics ............................................................................. 729
Table 25.14 Flash Memory Characteristics (Programming/Erasing Operating Range) ............. 730
Table 25.15 Absolute Maximum Ratings................................................................................... 733
Table 25.16 DC Characteristics (1) ............................................................................................ 734
Table 25.16 DC Characteristics (2) ............................................................................................ 737
Table 25.16 DC Characteristics (3) ............................................................................................ 740
Table 25.17 Permissible Output Currents .................................................................................. 743
Table 25.18 Bus Drive Characteristics ....................................................................................... 744
Table 25.19 Clock Timing ......................................................................................................... 745
Table 25.20 Control Signal Timing............................................................................................ 746
Table 25.21 Bus Timing............................................................................................................. 747
Table 25.22 Timing of On-Chip Supporting Modules (1).......................................................... 749
Table 25.22 Timing of On-Chip Supporting Modules (2).......................................................... 751
Table 25.23 I
2C Bus Timing....................................................................................................... 752
Table 25.24 A/D Conversion Characteristics
(AN7 to AN0 Input: 134/266-State Conversion) ................................................... 753



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com