Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 72Page - Renesas Technology Corp HD6432137SW Datasheet HTML 73Page - Renesas Technology Corp HD6432137SW Datasheet HTML 74Page - Renesas Technology Corp HD6432137SW Datasheet HTML 75Page - Renesas Technology Corp HD6432137SW Datasheet HTML 76Page - Renesas Technology Corp HD6432137SW Datasheet HTML 77Page - Renesas Technology Corp HD6432137SW Datasheet HTML 78Page - Renesas Technology Corp HD6432137SW Datasheet HTML 79Page - Renesas Technology Corp HD6432137SW Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1061 page
background image
Section 1 Overview
Rev. 4.00 Jun 06, 2006 page 22 of 1004
REJ09B0301-0400
Pin No.
Type
Symbol
FP-80A
TFP-80C
I/O
Name and Function
AN7 to
AN0
37 to 30
Input
Analog input: A/D converter analog input pins.
A/D
converter
(ADC)
CN0 to
CN7
21 to 24,
25 to 28
Input
Expansion A/D inputs: Expansion A/D input pins
can be connected to the A/D converter, but since
they are also used as digital input/output pins,
precision will fall.
ADTRG
20
Input
A/D conversion external trigger input: Pin for
input of an external trigger to start A/D conversion.
D/A
converter
(DAC)
DA0
DA1
36
37
Output Analog output: D/A converter analog output pins.
A/D
converter
D/A
converter
AVCC
29
Input
Analog reference voltage: The analog power
supply pin for the A/D converter and D/A converter.
When the A/D and D/A converters are not used, this
pin should be connected to the system power
supply (+5 V or +3 V).
AVSS
38
Input
Analog ground: The ground pin for the A/D
converter and D/A converter. This pin should be
connected to the system power supply (0 V).
Timer
connection
VSYNCI,
HSYNCI,
CSYNCI,
VFBACKI,
HFBACKI
23
42
44
24
21
Input
Timer connection input: Timer connection
synchronous signal input pins.
VSYNCO,
HSYNCO,
CLAMPO,
CBLANK
22
43
25
48
Output Timer connection output: Timer connection
synchronous signal output pins.
I
2C bus
interface
(IIC)
(option)
SCL0
SCL1
9
80
Input/
output
I
2C clock input/output (channels 0 and 1): I2C
clock I/O pins. These pins have a bus drive
function.
The SCL0 output form is NMOS open-drain
SDA0
SDA1
13
41
Input/
output
I
2C data input/output (channels 0 and 1): I2C data
I/O pins. These pins have a bus drive function.
The SDA0 output form is NMOS open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com