Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 8Page - Renesas Technology Corp HD6432137SW Datasheet HTML 9Page - Renesas Technology Corp HD6432137SW Datasheet HTML 10Page - Renesas Technology Corp HD6432137SW Datasheet HTML 11Page - Renesas Technology Corp HD6432137SW Datasheet HTML 12Page - Renesas Technology Corp HD6432137SW Datasheet HTML 13Page - Renesas Technology Corp HD6432137SW Datasheet HTML 14Page - Renesas Technology Corp HD6432137SW Datasheet HTML 15Page - Renesas Technology Corp HD6432137SW Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xii of liv
Item
Page
Revision (See Manual for Details)
25.3.2 DC
Characteristics
Table 25.16 DC
Characteristics (3)
740
Table 25.16 (3) amended
Item
Symbol
Min
Typ Max
Unit
Test
Conditions
Output high
voltage
V
OH
V
CC –0.5
——
VI
OH = –200 µA
All output pins
(except P97, and
P52*
4)*5
V
CC –1.0
——
VI
OH = –1 mA
P97, P52*
4
0.5
——
VI
OH = –200 µA,
V
= 2.7 to
3.5 V
CC
742
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.
756
Table 25.27 amended
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Reprogramming count
N
WEC
100*
8
10000*
9 —
Times
Data retention time*
10
t
DRP
10
—
—
Years
25.3.6 Flash Memory
Characteristics
Table 25.27 Flash
Memory Characteristics
(Programming/Erasing
Operating Range)
757
Notes 8 to 10 added
Notes: 8. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee
range is 1 to minimum value).
9. Reference value for 25C
° (as a guide line, rewriting should
normally function up to this value).
10. Data retention characteristics when rewriting is performed
within the specification range, including the minimum value.
25.4.2 DC
Characteristics
Table 25.29 DC
Characteristics (1)
761
Table 25.29 (1) amended
Item
Symbol Min
Typ
Max
Unit
Test
Conditions
Three-state
leakage
current
(off state)
Ports 1 to 6, 8, 9
I
TSI
——
1.0
µA
V
in = 0.5 to
V
CC –0.5 V
Ports 1 to 3
–I
P
50
—
300
µA
Input pull-up
MOS current
Port 6
60
—
500
µA
V = 0 V, V
CC
= 5 V
±10%
in
Table 25.29 DC
Characteristics (3)
766
Note
*5 added to test conditions for input pull-up MOS current
V
in = 0 V, VCC = 2.7 V
*5 to 3.6 V
25.5.2 DC
Characteristics
Table 25.40 DC
Characteristics (1)
782
Table 25.40 (1) amended
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Ports 1 to 3
–I
P
30
—
300
µA
Input
pull-up
MOS
current
Port 6
60
—
600
µA
V
in = 0 V, VCC
= 5 V
±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com