Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 97Page - Renesas Technology Corp HD6432137SW Datasheet HTML 98Page - Renesas Technology Corp HD6432137SW Datasheet HTML 99Page - Renesas Technology Corp HD6432137SW Datasheet HTML 100Page - Renesas Technology Corp HD6432137SW Datasheet HTML 101Page - Renesas Technology Corp HD6432137SW Datasheet HTML 102Page - Renesas Technology Corp HD6432137SW Datasheet HTML 103Page - Renesas Technology Corp HD6432137SW Datasheet HTML 104Page - Renesas Technology Corp HD6432137SW Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1061 page
background image
Section 2 CPU
Rev. 4.00 Jun 06, 2006 page 47 of 1004
REJ09B0301-0400
Type
Instruction
Size*
1
Function
Arithmetic
operations
DIVXS
B/W
Rd ÷ Rs
→ Rd
Performs signed division on data in two general
registers: either 16 bits ÷ 8 bits
→ 8-bit quotient and 8-bit
remainder or 32 bits ÷ 16 bits
→ 16-bit quotient and 16-
bit remainder.
CMP
B/W/L
Rd – Rs, Rd – #IMM
Compares data in a general register with data in another
general register or with immediate data, and sets CCR
bits according to the result.
NEG
B/W/L
0 – Rd
→ Rd
Takes the two's complement (arithmetic complement) of
data in a general register.
EXTU
W/L
Rd (zero extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size,
or the lower 16 bits of a 32-bit register to longword size,
by padding with zeros on the left.
EXTS
W/L
Rd (sign extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size,
or the lower 16 bits of a 32-bit register to longword size,
by extending the sign bit.
TAS
B
@ERd – 0, 1
→ (<bit 7> of @ERd)*2
Tests memory contents, and sets the most significant bit
(bit 7) to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com