Electronic Components Datasheet Search
  English  ▼

X  

HD6432137SW Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD6432137SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432137SW Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD6432137SW Datasheet HTML 115Page - Renesas Technology Corp HD6432137SW Datasheet HTML 116Page - Renesas Technology Corp HD6432137SW Datasheet HTML 117Page - Renesas Technology Corp HD6432137SW Datasheet HTML 118Page - Renesas Technology Corp HD6432137SW Datasheet HTML 119Page - Renesas Technology Corp HD6432137SW Datasheet HTML 120Page - Renesas Technology Corp HD6432137SW Datasheet HTML 121Page - Renesas Technology Corp HD6432137SW Datasheet HTML 122Page - Renesas Technology Corp HD6432137SW Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1061 page
background image
Section 2 CPU
Rev. 4.00 Jun 06, 2006 page 65 of 1004
REJ09B0301-0400
Figure 2.16 shows the stack after exception handling ends.
Note: * Ignored when returning.
CCR
PC
(24 bits)
SP
CCR
CCR*
PC
(16 bits)
SP
Normal mode
Advanced mode
Figure 2.16 Stack Structure after Exception Handling (Examples)
2.8.4
Program Execution State
In this state the CPU executes program instructions in sequence.
2.8.5
Bus-Released State
This is a state in which the bus has been released in response to a bus request from a bus master
other than the CPU. While the bus is released, the CPU halts except for internal operations.
There is one other bus master in addition to the CPU: the data transfer controller (DTC).
For further details, refer to section 6, Bus Controller.
2.8.6
Power-Down State
The power-down state includes both modes in which the CPU stops operating and modes in which
the CPU does not stop. There are five modes in which the CPU stops operating: sleep mode,
software standby mode, hardware standby mode, subsleep mode, and watch mode. There are also
three other power-down modes: medium-speed mode, module stop mode, and subactive mode. In
medium-speed mode, the CPU and other bus masters operate on a medium-speed clock. Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com