Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 327Page - Renesas Technology Corp HD6432147SW Datasheet HTML 328Page - Renesas Technology Corp HD6432147SW Datasheet HTML 329Page - Renesas Technology Corp HD6432147SW Datasheet HTML 330Page - Renesas Technology Corp HD6432147SW Datasheet HTML 331Page - Renesas Technology Corp HD6432147SW Datasheet HTML 332Page - Renesas Technology Corp HD6432147SW Datasheet HTML 333Page - Renesas Technology Corp HD6432147SW Datasheet HTML 334Page - Renesas Technology Corp HD6432147SW Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 287 of 1130
REJ09B0327-0400
9.2.7
Port 2 Data Direction Register (P2DDR)
Bit
Initial value
Read/Write
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
3
P23DDR
0
W
0
P20DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
P2DDR is an 8-bit write-only register that specifies the input/output direction and PWM output for
each pin of port J on a bit-by-bit basis.
Port 2 pins are multiplexed with pins PW8 to PW15. The bit corresponding to a pin to be used for
PWM output should be set to 1.
For details on P2DDR, see section 8.3, Port 2.
9.2.8
Port 1 Data Register (P1DR)
Bit
Initial value
Read/Write
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
0
P10DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
P1DR is an 8-bit readable/writable register used to fix PWM output at 1 (when OS = 0) or 0 (when
OS = 1).
For details on P1DR, see section 8.2, Port 1.
9.2.9
Port 2 Data Register (P2DR)
Bit
Initial value
Read/Write
7
P27DR
0
R/W
6
P26DR
0
R/W
5
P25DR
0
R/W
4
P24DR
0
R/W
3
P23DR
0
R/W
0
P20DR
0
R/W
2
P22DR
0
R/W
1
P21DR
0
R/W
P2DR is an 8-bit readable/writable register used to fix PWM output at 1 (when OS = 0) or 0 (when
OS = 1).
For details on P2DR, see section 8.3, Port 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com