Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 324Page - Renesas Technology Corp HD6432147SW Datasheet HTML 325Page - Renesas Technology Corp HD6432147SW Datasheet HTML 326Page - Renesas Technology Corp HD6432147SW Datasheet HTML 327Page - Renesas Technology Corp HD6432147SW Datasheet HTML 328Page - Renesas Technology Corp HD6432147SW Datasheet HTML 329Page - Renesas Technology Corp HD6432147SW Datasheet HTML 330Page - Renesas Technology Corp HD6432147SW Datasheet HTML 331Page - Renesas Technology Corp HD6432147SW Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 284 of 1130
REJ09B0327-0400
9.2.2
PWM Data Registers (PWDR0 to PWDR15)
Bit
Initial value
Read/Write
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
0
0
R/W
2
0
R/W
1
0
R/W
Each PWDR is an 8-bit readable/writable register that specifies the duty cycle of the basic pulse to
be output, and the number of additional pulses. The value set in PWDR corresponds to a 0 or 1
ratio in the conversion period. The upper 4 bits specify the duty cycle of the basic pulse as 0/16 to
15/16 with a resolution of 1/16. The lower 4 bits specify how many extra pulses are to be added
within the conversion period comprising 16 basic pulses. Thus, a specification of 0/256 to 255/256
is possible for 0/1 ratios within the conversion period. For 256/256 (100%) output, port output
should be used.
PWDR is initialized to H'00 by a reset, and in the standby modes, watch mode, subactive mode,
subsleep mode, and module stop mode.
9.2.3
PWM Data Polarity Registers A and B (PWDPRA and PWDPRB)
PWDPRA
Bit
Initial value
Read/Write
7
OS7
0
R/W
6
OS6
0
R/W
5
OS5
0
R/W
4
OS4
0
R/W
3
OS3
0
R/W
0
OS0
0
R/W
2
OS2
0
R/W
1
OS1
0
R/W
PWDPRB
Bit
Initial value
Read/Write
7
OS15
0
R/W
6
OS14
0
R/W
5
OS13
0
R/W
4
OS12
0
R/W
3
OS11
0
R/W
0
OS8
0
R/W
2
OS10
0
R/W
1
OS9
0
R/W
Each PWDPR is an 8-bit readable/writable register that controls the polarity of the PWM output.
Bits OS0 to OS15 correspond to outputs PW0 to PW15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com