Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 322Page - Renesas Technology Corp HD6432147SW Datasheet HTML 323Page - Renesas Technology Corp HD6432147SW Datasheet HTML 324Page - Renesas Technology Corp HD6432147SW Datasheet HTML 325Page - Renesas Technology Corp HD6432147SW Datasheet HTML 326Page - Renesas Technology Corp HD6432147SW Datasheet HTML 327Page - Renesas Technology Corp HD6432147SW Datasheet HTML 328Page - Renesas Technology Corp HD6432147SW Datasheet HTML 329Page - Renesas Technology Corp HD6432147SW Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 282 of 1130
REJ09B0327-0400
9.2
Register Descriptions
9.2.1
PWM Register Select (PWSL)
Bit
Initial value
Read/Write
7
PWCKE
0
R/W
6
PWCKS
0
R/W
5
—
1
4
—
0
3
RS3
0
R/W
0
RS0
0
R/W
2
RS2
0
R/W
1
RS1
0
R/W
—
—
PWSL is an 8-bit readable/writable register used to select the PWM timer input clock and the
PWM data register.
PWSL is initialized to H'20 by a reset, and in the standby modes, watch mode, subactive mode,
subsleep mode, and module stop mode.
Bits 7 and 6—PWM Clock Enable, PWM Clock Select (PWCKE, PWCKS): These bits,
together with bits PWCKA and PWCKB in PCSR, select the internal clock input to TCNT in the
PWM timer.
PWSL
PCSR
Bit 7
Bit 6
Bit 2
Bit 1
PWCKE
PWCKS
PWCKB
PWCKA
Description
0
—
—
—
Clock input is disabled
(Initial value)
10
—
—
φ (system clock) is selected
10
0
φ/2 is selected
1
φ/4 is selected
10
φ/8 is selected
1
φ/16 is selected
The PWM resolution, PWM conversion period, and carrier frequency depend on the selected
internal clock, and can be found from the following equations.
Resolution (minimum pulse width) = 1/internal clock frequency
PWM conversion period = resolution
× 256
Carrier frequency = 16/PWM conversion period
Thus, with a 20-MHz system clock (
φ), the resolution, PWM conversion period, and carrier
frequency are as shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com