Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 325 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 325 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 321Page - Renesas Technology Corp HD6432147SW Datasheet HTML 322Page - Renesas Technology Corp HD6432147SW Datasheet HTML 323Page - Renesas Technology Corp HD6432147SW Datasheet HTML 324Page - Renesas Technology Corp HD6432147SW Datasheet HTML 325Page - Renesas Technology Corp HD6432147SW Datasheet HTML 326Page - Renesas Technology Corp HD6432147SW Datasheet HTML 327Page - Renesas Technology Corp HD6432147SW Datasheet HTML 328Page - Renesas Technology Corp HD6432147SW Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 281 of 1130
REJ09B0327-0400
9.1.3
Pin Configuration
Table 9.1 shows the PWM output pin.
Table 9.1
Pin Configuration
Name
Abbreviation
I/O
Function
PWM output pin 0 to 15
PW0 to PW15
Output
PWM timer pulse output 0 to 15
9.1.4
Register Configuration
Table 9.2 lists the registers of the PWM timer module.
Table 9.2
PWM Timer Module Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
PWM register select
PWSL
R/W
H'20
H'FFD6
PWM data registers 0 to 15
PWDR0 to
PWDR15
R/W
H'00
H'FFD7
PWM data polarity register A
PWDPRA
R/W
H'00
H'FFD5
PWM data polarity register B
PWDPRB
R/W
H'00
H'FFD4
PWM output enable register A
PWOERA
R/W
H'00
H'FFD3
PWM output enable register B
PWOERB
R/W
H'00
H'FFD2
Port 1 data direction register
P1DDR
W
H'00
H'FFB0
Port 2 data direction register
P2DDR
W
H'00
H'FFB1
Port 1 data register
P1DR
R/W
H'00
H'FFB2
Port 2 data register
P2DR
R/W
H'00
H'FFB3
Peripheral clock select register
PCSR
R/W
H'00
H'FF82*
2
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Note:
1. Lower 16 bits of the address.
2. Some registers in the 8-bit timer are assigned in the addresses as other registers. In
this case, register selection is performed by the FLSHE bit in the serial timer control
register (STCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com