Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 330Page - Renesas Technology Corp HD6432147SW Datasheet HTML 331Page - Renesas Technology Corp HD6432147SW Datasheet HTML 332Page - Renesas Technology Corp HD6432147SW Datasheet HTML 333Page - Renesas Technology Corp HD6432147SW Datasheet HTML 334Page - Renesas Technology Corp HD6432147SW Datasheet HTML 335Page - Renesas Technology Corp HD6432147SW Datasheet HTML 336Page - Renesas Technology Corp HD6432147SW Datasheet HTML 337Page - Renesas Technology Corp HD6432147SW Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 290 of 1130
REJ09B0327-0400
The lower 4 bits of PWDR specify the position of pulses added to the 16 basic pulses, as shown in
table 9.5. An additional pulse consists of a high period (when OS = 0) with a width equal to the
resolution, added before the rising edge of a basic pulse. When the upper 4 bits of PWDR are
0000, there is no rising edge of the basic pulse, but the timing for adding pulses is the same.
Table 9.5
Position of Pulses Added to Basic Pulses
Basic Pulse No.
Lower 4 Bits
0123456789
10
11
12
13
14
15
0000
0001
Yes
0010
Yes
Yes
0011
Yes
Yes
Yes
0100
Yes
Yes
Yes
Yes
0101
Yes
Yes
Yes
Yes
Yes
0110
Yes
Yes
Yes
Yes
Yes
Yes
0111
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1000
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
1001
Yes
Yes
Yes
Yes
Yes
Yes
Yes Yes Yes
1010
Yes
Yes
Yes Yes Yes
Yes
Yes
Yes Yes Yes
1011
Yes
Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
1100
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes
1101
Yes Yes Yes
Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
1110
Yes Yes Yes Yes Yes Yes Yes
Yes Yes Yes Yes Yes Yes Yes
1111
Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes
Additional pulse provided
No additional pulse
Resolution width
Additional pulse
Figure 9.2 Example of Additional Pulse Timing (when Upper 4 Bits of PWDR = 1000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com