Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 334Page - Renesas Technology Corp HD6432147SW Datasheet HTML 335Page - Renesas Technology Corp HD6432147SW Datasheet HTML 336Page - Renesas Technology Corp HD6432147SW Datasheet HTML 337Page - Renesas Technology Corp HD6432147SW Datasheet HTML 338Page - Renesas Technology Corp HD6432147SW Datasheet HTML 339Page - Renesas Technology Corp HD6432147SW Datasheet HTML 340Page - Renesas Technology Corp HD6432147SW Datasheet HTML 341Page - Renesas Technology Corp HD6432147SW Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 294 of 1130
REJ09B0327-0400
10.2
Register Descriptions
10.2.1
PWM (D/A) Counter (DACNT)
15
7
0
R/W
14
6
0
R/W
13
5
0
R/W
12
4
0
R/W
11
3
0
R/W
8
0
0
R/W
10
2
0
R/W
9
1
0
R/W
Bit (CPU)
BIT (Counter)
Initial value
Read/Write
7
8
0
R/W
6
9
0
R/W
5
10
0
R/W
4
11
0
R/W
3
12
0
R/W
0
—
REGS
1
R/W
2
13
0
R/W
1
—
—
1
—
DACNTH
DACNTL
DACNT is a 14-bit readable/writable up-counter that increments on an input clock pulse. The
input clock is selected by the clock select bit (CKS) in DACR. The CPU can read and write the
DACNT value, but since DACNT is a 16-bit register, data transfers between it and the CPU are
performed using a temporary register (TEMP). See section 10.3, Bus Master Interface, for details.
DACNT functions as the time base for both PWM (D/A) channels. When a channel operates with
14-bit precision, it uses all DACNT bits. When a channel operates with 12-bit precision, it uses the
lower 12 (counter) bits and ignores the upper two (counter) bits.
DACNT is initialized to H'0003 by a reset, in the standby modes, watch mode, subactive mode,
subsleep mode, and module stop mode, and by the PWME bit.
Bit 1 of DACNTL (CPU) is not used, and is always read as 1.
DACNTL Bit 0—Register Select (REGS): DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies which registers can be accessed. The REGS
bit can be accessed regardless of whether DADRB or DACNT is selected.
Bit 0
REGS
Description
0
DADRA and DADRB can be accessed
1
DACR and DACNT can be accessed
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com