Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 333Page - Renesas Technology Corp HD6432147SW Datasheet HTML 334Page - Renesas Technology Corp HD6432147SW Datasheet HTML 335Page - Renesas Technology Corp HD6432147SW Datasheet HTML 336Page - Renesas Technology Corp HD6432147SW Datasheet HTML 337Page - Renesas Technology Corp HD6432147SW Datasheet HTML 338Page - Renesas Technology Corp HD6432147SW Datasheet HTML 339Page - Renesas Technology Corp HD6432147SW Datasheet HTML 340Page - Renesas Technology Corp HD6432147SW Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 293 of 1130
REJ09B0327-0400
10.1.3
Pin Configuration
Table 10.1 lists the pins used by the PWM (D/A) module.
Table 10.1
PWM Timer Input and Output Pins
Name
Abbr.
I/O
Function
PWM output pin 0
PWX0
Output
PWM output, channel A
PWM output pin 1
PWX1
Output
PWM output, channel B
10.1.4
Register Configuration
Table 10.2 lists the registers of the PWM (D/A) module.
Table 10.2
Register Configuration
Name
Abbreviation
R/W
Initial value
Address*
1
PWM D/A control register
DACR
R/W
H'30
H'FFA0*
2
PWM D/A data register A high
DADRAH
R/W
H'FF
H'FFA0*
2
PWM D/A data register A low
DADRAL
R/W
H'FF
H'FFA1*
2
PWM D/A data register B high
DADRBH
R/W
H'FF
H'FFA6*
2
PWM D/A data register B low
DADRBL
R/W
H'FF
H'FFA7*
2
PWM D/A counter high
DACNTH
R/W
H'00
H'FFA6*
2
PWM D/A counter low
DACNTL
R/W
H'03
H'FFA7*
2
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Notes: 1. Lower 16 bits of the address.
2. Registers in the 14-bit PWM timer are assigned to the same addresses as the other
registers. In this case, register selection is performed by the IICE bit in the serial timer
control register (STCR), and also the same addresses are shared by DADRAH and
DACR, and by DADRB and DACNT. Switching is performed by the REGS bit in DACNT
or DADRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com