Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 335Page - Renesas Technology Corp HD6432147SW Datasheet HTML 336Page - Renesas Technology Corp HD6432147SW Datasheet HTML 337Page - Renesas Technology Corp HD6432147SW Datasheet HTML 338Page - Renesas Technology Corp HD6432147SW Datasheet HTML 339Page - Renesas Technology Corp HD6432147SW Datasheet HTML 340Page - Renesas Technology Corp HD6432147SW Datasheet HTML 341Page - Renesas Technology Corp HD6432147SW Datasheet HTML 342Page - Renesas Technology Corp HD6432147SW Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 295 of 1130
REJ09B0327-0400
10.2.2
D/A Data Registers A and B (DADRA and DADRB)
15
13
DA13
1
R/W
14
12
DA12
1
R/W
13
11
DA11
1
R/W
12
10
DA10
1
R/W
11
9
DA9
1
R/W
8
6
DA6
1
R/W
10
8
DA8
1
R/W
9
7
DA7
1
R/W
Bit (CPU)
Bit (Data)
DADRA
Initial value
Read/Write
7
5
DA5
1
R/W
6
4
DA4
1
R/W
5
3
DA3
1
R/W
4
2
DA2
1
R/W
3
1
DA1
1
R/W
0
—
—
1
—
2
0
DA0
1
R/W
1
—
CFS
1
R/W
DADRH
DADRL
DA13
1
R/W
DA12
1
R/W
DA11
1
R/W
DA10
1
R/W
DA9
1
R/W
DA6
1
R/W
DA8
1
R/W
DA7
1
R/W
DADRB
Initial value
Read/Write
DA5
1
R/W
DA4
1
R/W
DA3
1
R/W
DA2
1
R/W
DA1
1
R/W
REGS
1
R/W
DA0
1
R/W
CFS
1
R/W
There are two 16-bit readable/writable D/A data registers: DADRA and DADRB. DADRA
corresponds to PWM (D/A) channel A, and DADRB to PWM (D/A) channel B. The CPU can read
and write the PWM (D/A) data register values, but since DADRA and DADRB are 16-bit
registers, data transfers between them and the CPU are performed using a temporary register
(TEMP). See section 10.3, Bus Master Interface, for details.
The least significant (CPU) bit of DADRA is not used and is always read as 1.
DADR is initialized to H'FFFF by a reset, and in the standby modes, watch mode, subactive mode,
subsleep mode, and module stop mode.
Bits 15 to 3—PWM D/A Data 13 to 0 (DA13 to DA0): The digital value to be converted to an
analog value is set in the upper 14 bits of the PWM (D/A) data register.
In each base cycle, the DACNT value is continually compared with these upper 14 bits to
determine the duty cycle of the output waveform, and to decide whether to output a fine-
adjustment pulse equal in width to the resolution. To enable this operation, the data register must
be set within a range that depends on the carrier frequency select bit (CFS). If the DADR value is
outside this range, the PWM output is held constant.
A channel can be operated with 12-bit precision by keeping the two lowest data bits (DA0 and
DA1) cleared to 0 and writing the data to be converted in the upper 12 bits. The two lowest data
bits correspond to the two highest counter (DACNT) bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com