Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 339Page - Renesas Technology Corp HD6432147SW Datasheet HTML 340Page - Renesas Technology Corp HD6432147SW Datasheet HTML 341Page - Renesas Technology Corp HD6432147SW Datasheet HTML 342Page - Renesas Technology Corp HD6432147SW Datasheet HTML 343Page - Renesas Technology Corp HD6432147SW Datasheet HTML 344Page - Renesas Technology Corp HD6432147SW Datasheet HTML 345Page - Renesas Technology Corp HD6432147SW Datasheet HTML 346Page - Renesas Technology Corp HD6432147SW Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 299 of 1130
REJ09B0327-0400
10.3
Bus Master Interface
DACNT, DADRA, and DADRB are 16-bit registers. The data bus linking the bus master and the
on-chip supporting modules, however, is only 8 bits wide. When the bus master accesses these
registers, it therefore uses an 8-bit temporary register (TEMP).
These registers are written and read as follows (taking the example of the CPU interface).
• Write
When the upper byte is written, the upper-byte write data is stored in TEMP. Next, when the
lower byte is written, the lower-byte write data and TEMP value are combined, and the
combined 16-bit value is written in the register.
• Read
When the upper byte is read, the upper-byte value is transferred to the CPU and the lower-byte
value is transferred to TEMP. Next, when the lower byte is read, the lower-byte value in
TEMP is transferred to the CPU.
These registers should always be accessed 16 bits at a time using an MOV instruction (by word
access or two consecutive byte accesses), and the upper byte should always be accessed before the
lower byte. Correct data will not be transferred if only the upper byte or only the lower byte is
accessed. Also note that a bit-manipulation instruction cannot be used to access these registers.
Figure 10.2 shows the data flow for access to DACNT. The other registers are accessed similarly.
Example 1: Write to DACNT
MOV.W R0, @DACNT
;
Write R0 contents to DACNT
Example 2: Read DADRA
MOV.W @DADRA, R0
;
Transfer contents of DADRA to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com