Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 336Page - Renesas Technology Corp HD6432147SW Datasheet HTML 337Page - Renesas Technology Corp HD6432147SW Datasheet HTML 338Page - Renesas Technology Corp HD6432147SW Datasheet HTML 339Page - Renesas Technology Corp HD6432147SW Datasheet HTML 340Page - Renesas Technology Corp HD6432147SW Datasheet HTML 341Page - Renesas Technology Corp HD6432147SW Datasheet HTML 342Page - Renesas Technology Corp HD6432147SW Datasheet HTML 343Page - Renesas Technology Corp HD6432147SW Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 296 of 1130
REJ09B0327-0400
Bit 1—Carrier Frequency Select (CFS)
Bit 1
CFS
Description
0
Base cycle = resolution (T)
× 64
DADR range = H'0401 to H'FFFD
1
Base cycle = resolution (T)
× 256
DADR range = H'0103 to H'FFFF
(Initial value)
DADRA Bit 0—Reserved: This bit cannot be modified and is always read as 1.
DADRB Bit 0—Register Select (REGS): DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies which registers can be accessed. The REGS
bit can be accessed regardless of whether DADRB or DACNT is selected.
Bit 0
REGS
Description
0
DADRA and DADRB can be accessed
1
DACR and DACNT can be accessed
(Initial value)
10.2.3
PWM D/A Control Register (DACR)
7
TEST
0
R/W
6
PWME
0
R/W
5
—
1
—
4
—
1
—
3
OEB
0
R/W
0
CKS
0
R/W
2
OEA
0
R/W
1
OS
0
R/W
Bit
Initial value
Read/Write
DACR is an 8-bit readable/writable register that selects test mode, enables the PWM outputs, and
selects the output phase and operating speed.
DACR is initialized to H'30 by a reset, and in the standby modes, watch mode, subactive mode,
subsleep mode, and module stop mode.
Bit 7—Test Mode (TEST): Selects test mode, which is used in testing the chip. Normally this bit
should be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com