Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 353Page - Renesas Technology Corp HD6432147SW Datasheet HTML 354Page - Renesas Technology Corp HD6432147SW Datasheet HTML 355Page - Renesas Technology Corp HD6432147SW Datasheet HTML 356Page - Renesas Technology Corp HD6432147SW Datasheet HTML 357Page - Renesas Technology Corp HD6432147SW Datasheet HTML 358Page - Renesas Technology Corp HD6432147SW Datasheet HTML 359Page - Renesas Technology Corp HD6432147SW Datasheet HTML 360Page - Renesas Technology Corp HD6432147SW Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 313 of 1130
REJ09B0327-0400
Table 11.3
Buffered Input Capture Edge Selection (Example)
IEDGA
IEDGC
Description
0
0
Captured on falling edge of input capture A (FTIA)
(Initial value)
1
Captured on both rising and falling edges of input capture A (FTIA)
10
1
Captured on rising edge of input capture A (FTIA)
To ensure input capture, the width of the input capture pulse should be at least 1.5 system clock
periods (1.5
φ). When triggering is enabled on both edges, the input capture pulse width should be
at least 2.5 system clock periods (2.5
φ).
ICR is initialized to H'0000 by a reset and in hardware standby mode.
11.2.4
Output Compare Registers AR and AF (OCRAR, OCRAF)
Bit
Initial
15
1
R/W
14
1
R/W
13
1
R/W
12
1
R/W
11
1
R/W
10
1
R/W
9
1
R/W
8
1
R/W
7
1
R/W
6
1
R/W
5
1
R/W
4
1
R/W
3
1
R/W
2
1
R/W
1
1
R/W
0
1
R/W
value
Write
Read/
OCRAR and OCRAF are 16-bit readable/writable registers.
When the OCRAMS bit in TOCR is set to 1, the operation of OCRA is changed to include the use
of OCRAR and OCRAF. The contents of OCRAR and OCRAF are automatically added
alternately to OCRA, and the result is written to OCRA. The write operation is performed on the
occurrence of compare-match A. In the first compare-match A after the OCRAMS bit is set to 1,
OCRAF is added.
The operation due to compare-match A varies according to whether the compare-match follows
addition of OCRAR or OCRAF. The value of the OLVLA bit in TOCR is ignored, and 1 is output
on a compare-match A following addition of OCRAF, while 0 is output on a compare-match A
following addition of OCRAR.
When the OCRA automatically addition function is used, do not set internal clock
φ/2 as the FRC
counter input clock together with an OCRAR (or OCRAF) value of H'0001 or less.
OCRAR and OCRAF are initialized to H'FFFF by a reset and in hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com