Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 356Page - Renesas Technology Corp HD6432147SW Datasheet HTML 357Page - Renesas Technology Corp HD6432147SW Datasheet HTML 358Page - Renesas Technology Corp HD6432147SW Datasheet HTML 359Page - Renesas Technology Corp HD6432147SW Datasheet HTML 360Page - Renesas Technology Corp HD6432147SW Datasheet HTML 361Page - Renesas Technology Corp HD6432147SW Datasheet HTML 362Page - Renesas Technology Corp HD6432147SW Datasheet HTML 363Page - Renesas Technology Corp HD6432147SW Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 316 of 1130
REJ09B0327-0400
Bit 2—Output Compare Interrupt B Enable (OCIBE): Selects whether to request output
compare interrupt B (OCIB) when output compare flag B (OCFB) in TCSR is set to 1.
Bit 2
OCIBE
Description
0
Output compare interrupt request B (OCIB) is disabled
(Initial value)
1
Output compare interrupt request B (OCIB) is enabled
Bit 1—Timer Overflow Interrupt Enable (OVIE): Selects whether to request a free-running
timer overflow interrupt (FOVI) when the timer overflow flag (OVF) in TCSR is set to 1.
Bit 1
OVIE
Description
0
Timer overflow interrupt request (FOVI) is disabled
(Initial value)
1
Timer overflow interrupt request (FOVI) is enabled
Bit 0—Reserved: This bit cannot be modified and is always read as 1.
11.2.7
Timer Control/Status Register (TCSR)
Bit
Initial value
Read/Write
7
ICFA
0
R/(W)*
6
ICFB
0
R/(W)*
5
ICFC
0
4
ICFD
0
3
OCFA
0
0
CCLRA
0
R/W
2
OCFB
0
R/(W)*
1
OVF
0
R/(W)*
R/(W)*
R/(W)*
R/(W)*
Note: * Only 0 can be written in bits 7 to 1 to clear these flags.
TCSR is an 8-bit register used for counter clear selection and control of interrupt request signals.
TCSR is initialized to H'00 by a reset and in hardware standby mode.
Timing is described in section 11.3, Operation.
Bit 7—Input Capture Flag A (ICFA): This status flag indicates that the FRC value has been
transferred to ICRA by means of an input capture signal. When BUFEA = 1, ICFA indicates that
the old ICRA value has been moved into ICRC and the new FRC value has been transferred to
ICRA.
ICFA must be cleared by software. It is set by hardware, however, and cannot be set by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com