Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 357Page - Renesas Technology Corp HD6432147SW Datasheet HTML 358Page - Renesas Technology Corp HD6432147SW Datasheet HTML 359Page - Renesas Technology Corp HD6432147SW Datasheet HTML 360Page - Renesas Technology Corp HD6432147SW Datasheet HTML 361Page - Renesas Technology Corp HD6432147SW Datasheet HTML 362Page - Renesas Technology Corp HD6432147SW Datasheet HTML 363Page - Renesas Technology Corp HD6432147SW Datasheet HTML 364Page - Renesas Technology Corp HD6432147SW Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 317 of 1130
REJ09B0327-0400
Bit 7
ICFA
Description
0
[Clearing condition]
Read ICFA when ICFA = 1, then write 0 in ICFA
(Initial value)
1
[Setting condition]
When an input capture signal causes the FRC value to be transferred to
ICRA
Bit 6—Input Capture Flag B (ICFB): This status flag indicates that the FRC value has been
transferred to ICRB by means of an input capture signal. When BUFEB = 1, ICFB indicates that
the old ICRB value has been moved into ICRD and the new FRC value has been transferred to
ICRB.
ICFB must be cleared by software. It is set by hardware, however, and cannot be set by software.
Bit 6
ICFB
Description
0
[Clearing condition]
Read ICFB when ICFB = 1, then write 0 in ICFB
(Initial value)
1
[Setting condition]
When an input capture signal causes the FRC value to be transferred to ICRB
Bit 5—Input Capture Flag C (ICFC): This status flag indicates that the FRC value has been
transferred to ICRC by means of an input capture signal. When BUFEA = 1, on occurrence of the
signal transition in FTIC (input capture signal) specified by the IEDGC bit, ICFC is set but data is
not transferred to ICRC. Therefore, in buffer operation, ICFC can be used as an external interrupt
signal (by setting the ICICE bit to 1).
ICFC must be cleared by software. It is set by hardware, however, and cannot be set by software.
Bit 5
ICFC
Description
0
[Clearing condition]
Read ICFC when ICFC = 1, then write 0 in ICFC
(Initial value)
1
[Setting condition]
When an input capture signal is received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com