Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 361Page - Renesas Technology Corp HD6432147SW Datasheet HTML 362Page - Renesas Technology Corp HD6432147SW Datasheet HTML 363Page - Renesas Technology Corp HD6432147SW Datasheet HTML 364Page - Renesas Technology Corp HD6432147SW Datasheet HTML 365Page - Renesas Technology Corp HD6432147SW Datasheet HTML 366Page - Renesas Technology Corp HD6432147SW Datasheet HTML 367Page - Renesas Technology Corp HD6432147SW Datasheet HTML 368Page - Renesas Technology Corp HD6432147SW Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 321 of 1130
REJ09B0327-0400
Bit 2—Buffer Enable B (BUFEB): Selects whether ICRD is to be used as a buffer register for
ICRB.
Bit 2
BUFEB
Description
0
ICRD is not used as a buffer register for input capture B
(Initial value)
1
ICRD is used as a buffer register for input capture B
Bits 1 and 0—Clock Select (CKS1, CKS0): Select external clock input or one of three internal
clock sources for the FRC. External clock pulses are counted on the rising edge of signals input to
the external clock input pin (FTCI).
Bit 1
Bit 0
CKS1
CKS0
Description
00
φ/2 internal clock source
(Initial value)
1
φ/8 internal clock source
10
φ/32 internal clock source
1
External clock source (rising edge)
11.2.9
Timer Output Compare Control Register (TOCR)
Bit
Initial value
Read/Write
7
ICRDMS
0
R/W
6
OCRAMS
0
R/W
5
ICRS
0
R/W
4
OCRS
0
3
OEA
0
0
OLVLB
0
R/W
2
OEB
0
R/W
1
OLVLA
0
R/W
R/W
R/W
TOCR is an 8-bit readable/writable register that enables output from the output compare pins,
selects the output levels, switches access between output compare registers A and B, controls the
ICRD and OCRA operating mode, and switches access to input capture registers A, B, and C.
TOCR is initialized to H'00 by a reset and in hardware standby mode.
Bit 7—Input Capture D Mode Select (ICRDMS): Specifies whether ICRD is used in the normal
operating mode or in the operating mode using OCRDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com