Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 365Page - Renesas Technology Corp HD6432147SW Datasheet HTML 366Page - Renesas Technology Corp HD6432147SW Datasheet HTML 367Page - Renesas Technology Corp HD6432147SW Datasheet HTML 368Page - Renesas Technology Corp HD6432147SW Datasheet HTML 369Page - Renesas Technology Corp HD6432147SW Datasheet HTML 370Page - Renesas Technology Corp HD6432147SW Datasheet HTML 371Page - Renesas Technology Corp HD6432147SW Datasheet HTML 372Page - Renesas Technology Corp HD6432147SW Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 325 of 1130
REJ09B0327-0400
11.3
Operation
11.3.1
FRC Increment Timing
FRC increments on a pulse generated once for each period of the selected (internal or external)
clock source.
Internal Clock
Any of three internal clocks (
φ/2, φ/8, or φ/32) created by division of the system clock (φ) can be
selected by making the appropriate setting in bits CKS1 and CKS0 in TCR. Figure 11.3 shows the
increment timing.
N – 1
FRC input
clock
φ
FRC
Internal
clock
N
N + 1
Figure 11.3 Increment Timing with Internal Clock Source
External Clock
If external clock input is selected by bits CKS1 and CKS0 in TCR, FRC increments on the rising
edge of the external clock signal.
The pulse width of the external clock signal must be at least 1.5 system clock (
φ) periods. The
counter will not increment correctly if the pulse width is shorter than 1.5 system clock periods.
Figure 11.4 shows the increment timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com