Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 369Page - Renesas Technology Corp HD6432147SW Datasheet HTML 370Page - Renesas Technology Corp HD6432147SW Datasheet HTML 371Page - Renesas Technology Corp HD6432147SW Datasheet HTML 372Page - Renesas Technology Corp HD6432147SW Datasheet HTML 373Page - Renesas Technology Corp HD6432147SW Datasheet HTML 374Page - Renesas Technology Corp HD6432147SW Datasheet HTML 375Page - Renesas Technology Corp HD6432147SW Datasheet HTML 376Page - Renesas Technology Corp HD6432147SW Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 329 of 1130
REJ09B0327-0400
When ICRC or ICRD is used as a buffer register, its input capture flag is set by the selected
transition of its input capture signal. For example, if ICRC is used to buffer ICRA, when the edge
transition selected by the IEDGC bit occurs on the FTIC input capture line, ICFC will be set, and
if the ICIEC bit is set, an interrupt will be requested. The FRC value will not be transferred to
ICRC, however.
In buffered input capture, if the upper byte of either of the two registers to which data will be
transferred (ICRA and ICRC, or ICRB and ICRD) is being read when the input signal arrives,
input capture is delayed by one system clock (
φ) period. Figure 11.10 shows the timing when
BUFEA = 1.
Input capture
signal
φ
FTIA
T1
T2
Read cycle:
CPU reads ICRA or ICRC
Figure 11.10 Buffered Input Capture Timing
(Input Capture Input when ICRA or ICRC Is Read)
11.3.5
Timing of Input Capture Flag (ICF) Setting
The input capture flag ICFx (x = A, B, C, D) is set to 1 by the internal input capture signal. The
FRC value is simultaneously transferred to the corresponding input capture register (ICRx). Figure
11.11 shows the timing of this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com