Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 367Page - Renesas Technology Corp HD6432147SW Datasheet HTML 368Page - Renesas Technology Corp HD6432147SW Datasheet HTML 369Page - Renesas Technology Corp HD6432147SW Datasheet HTML 370Page - Renesas Technology Corp HD6432147SW Datasheet HTML 371Page - Renesas Technology Corp HD6432147SW Datasheet HTML 372Page - Renesas Technology Corp HD6432147SW Datasheet HTML 373Page - Renesas Technology Corp HD6432147SW Datasheet HTML 374Page - Renesas Technology Corp HD6432147SW Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1177 page
background image
Section 11 16-Bit Free-Running Timer
Rev. 4.00 Sep 27, 2006 page 327 of 1130
REJ09B0327-0400
11.3.3
FRC Clear Timing
FRC can be cleared when compare-match A occurs. Figure 11.6 shows the timing of this
operation.
N
H'0000
FRC
φ
Compare-match A
signal
Figure 11.6 Clearing of FRC by Compare-Match A
11.3.4
Input Capture Input Timing
Input Capture Input Timing
An internal input capture signal is generated from the rising or falling edge of the signal at the
input capture pin, as selected by the corresponding IEDGx (x = A to D) bit in TCR. Figure 11.7
shows the usual input capture timing when the rising edge is selected (IEDGx = 1).
Input capture
signal
φ
Input capture
input pin
Figure 11.7 Input Capture Signal Timing (Usual Case)
If the upper byte of ICRA/B/C/D is being read when the corresponding input capture signal
arrives, the internal input capture signal is delayed by one system clock (
φ) period. Figure 11.8
shows the timing for this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com