Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 476Page - Renesas Technology Corp HD6432147SW Datasheet HTML 477Page - Renesas Technology Corp HD6432147SW Datasheet HTML 478Page - Renesas Technology Corp HD6432147SW Datasheet HTML 479Page - Renesas Technology Corp HD6432147SW Datasheet HTML 480Page - Renesas Technology Corp HD6432147SW Datasheet HTML 481Page - Renesas Technology Corp HD6432147SW Datasheet HTML 482Page - Renesas Technology Corp HD6432147SW Datasheet HTML 483Page - Renesas Technology Corp HD6432147SW Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 436 of 1130
REJ09B0327-0400
external clock operation (CKE1 = 1). The setting of bits CKE1 and CKE0 must be carried out
before the SCI’s operating mode is determined using SMR.
For details of clock source selection, see table 15.9 in section 15.3, Operation.
Bit 1
Bit 0
CKE1
CKE0
Description
0
0
Asynchronous mode
Internal clock/SCK pin functions as I/O port*
1
Synchronous mode
Internal clock/SCK pin functions as serial clock
output*
1
1
Asynchronous mode
Internal clock/SCK pin functions as clock output*
2
Synchronous mode
Internal clock/SCK pin functions as serial clock
output
1
0
Asynchronous mode
External clock/SCK pin functions as clock input*
3
Synchronous mode
External clock/SCK pin functions as serial clock
input
1
Asynchronous mode
External clock/SCK pin functions as clock input*
3
Synchronous mode
External clock/SCK pin functions as serial clock
input
Notes: 1. Initial value
2. Outputs a clock of the same frequency as the bit rate.
3. Inputs a clock with a frequency 16 times the bit rate.
15.2.7
Serial Status Register (SSR)
7
TDRE
1
R/(W)*
6
RDRF
0
R/(W)*
5
ORER
0
R/(W)*
4
FER
0
R/(W)*
3
PER
0
R/(W)*
0
MPBT
0
R/W
2
TEND
1
R
1
MPB
0
R
Bit
Initial value
Read/Write
Note:
*
Only 0 can be written, to clear the flag.
SSR is an 8-bit register containing status flags that indicate the operating status of the SCI, and
multiprocessor bits.
SSR can be read or written to by the CPU at all times. However, 1 cannot be written to flags
TDRE, RDRF, ORER, PER, and FER. Also note that in order to clear these flags they must be
read as 1 beforehand. The TEND flag and MPB flag are read-only flags and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com