Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 478Page - Renesas Technology Corp HD6432147SW Datasheet HTML 479Page - Renesas Technology Corp HD6432147SW Datasheet HTML 480Page - Renesas Technology Corp HD6432147SW Datasheet HTML 481Page - Renesas Technology Corp HD6432147SW Datasheet HTML 482Page - Renesas Technology Corp HD6432147SW Datasheet HTML 483Page - Renesas Technology Corp HD6432147SW Datasheet HTML 484Page - Renesas Technology Corp HD6432147SW Datasheet HTML 485Page - Renesas Technology Corp HD6432147SW Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 438 of 1130
REJ09B0327-0400
Bit 5—Overrun Error (ORER): Indicates that an overrun error occurred during reception,
causing abnormal termination.
Bit 5
ORER
Description
0
[Clearing condition]
(Initial value)*
1
When 0 is written in ORER after reading ORER = 1
1
[Setting condition]
When the next serial reception is completed while RDRF = 1*
2
Notes: 1. The ORER flag is not affected and retains its previous state when the RE bit in SCR is
cleared to 0.
2. The receive data prior to the overrun error is retained in RDR, and the data received
subsequently is lost. Also, subsequent serial reception cannot be continued while the
ORER flag is set to 1. In synchronous mode, serial transmission cannot be continued,
either.
Bit 4—Framing Error (FER): Indicates that a framing error occurred during reception in
asynchronous mode, causing abnormal termination.
Bit 4
FER
Description
0
[Clearing condition]
(Initial value)*
1
When 0 is written in FER after reading FER = 1
1
[Setting condition]
When the SCI checks the stop bit at the end of the receive data when reception ends,
and the stop bit is 0*
2
Notes: 1. The FER flag is not affected and retains its previous state when the RE bit in SCR is
cleared to 0.
2. In 2-stop-bit mode, only the first stop bit is checked for a value of 0; the second stop bit
is not checked. If a framing error occurs, the receive data is transferred to RDR but the
RDRF flag is not set. Also, subsequent serial reception cannot be continued while the
FER flag is set to 1. In synchronous mode, serial transmission cannot be continued,
either.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com