Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 482Page - Renesas Technology Corp HD6432147SW Datasheet HTML 483Page - Renesas Technology Corp HD6432147SW Datasheet HTML 484Page - Renesas Technology Corp HD6432147SW Datasheet HTML 485Page - Renesas Technology Corp HD6432147SW Datasheet HTML 486Page - Renesas Technology Corp HD6432147SW Datasheet HTML 487Page - Renesas Technology Corp HD6432147SW Datasheet HTML 488Page - Renesas Technology Corp HD6432147SW Datasheet HTML 489Page - Renesas Technology Corp HD6432147SW Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 442 of 1130
REJ09B0327-0400
Table 15.3
BRR Settings for Various Bit Rates (Asynchronous Mode)
Operating Frequency
φφφφ (MHz)
φφφφ = 2 MHz
φφφφ = 2.097152 MHz
φφφφ = 2.4576 MHz
φφφφ = 3 MHz
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
1
141
0.03
1
148
–0.04
1
174
–0.26
1
212
0.03
150
1
103
0.16
1
108
0.21
1
127
0.00
1
155
0.16
300
0
207
0.16
0
217
0.21
0
255
0.00
1
77
0.16
600
0
103
0.16
0
108
0.21
0
127
0.00
0
155
0.16
1200
0
51
0.16
0
54
–0.70
0
63
0.00
0
77
0.16
2400
0
25
0.16
0
26
1.14
0
31
0.00
0
38
0.16
4800
0
12
0.16
0
13
–2.48
0
15
0.00
0
19
–2.34
9600
———
06
–2.48
0
7
0.00
0
9
–2.34
19200
———
———
030.00
0
4
–2.34
31250
0
1
0.00
———
———
020.00
38400
———
———
010.00
———
Operating Frequency
φφφφ (MHz)
φφφφ = 3.6864 MHz
φφφφ = 4 MHz
φφφφ = 4.9152 MHz
φφφφ = 5 MHz
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
64
0.70
2
70
0.03
2
86
0.31
2
88
–0.25
150
1
191
0.00
1
207
0.16
1
255
0.00
2
64
0.16
300
1
95
0.00
1
103
0.16
1
127
0.00
1
129
0.16
600
0
191
0.00
0
207
0.16
0
255
0.00
1
64
0.16
1200
0
95
0.00
0
103
0.16
0
127
0.00
0
129
0.16
2400
0
47
0.00
0
51
0.16
0
63
0.00
0
64
0.16
4800
0
23
0.00
0
25
0.16
0
31
0.00
0
32
–1.36
9600
0
11
0.00
0
12
0.16
0
15
0.00
0
15
1.73
19200
0
5
0.00
———
070.00
071.73
31250
———
030.00
0
4
–1.70
0
4
0.00
38400
0
2
0.00
———
030.00
031.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com