Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 488 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 488 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 484Page - Renesas Technology Corp HD6432147SW Datasheet HTML 485Page - Renesas Technology Corp HD6432147SW Datasheet HTML 486Page - Renesas Technology Corp HD6432147SW Datasheet HTML 487Page - Renesas Technology Corp HD6432147SW Datasheet HTML 488Page - Renesas Technology Corp HD6432147SW Datasheet HTML 489Page - Renesas Technology Corp HD6432147SW Datasheet HTML 490Page - Renesas Technology Corp HD6432147SW Datasheet HTML 491Page - Renesas Technology Corp HD6432147SW Datasheet HTML 492Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 444 of 1130
REJ09B0327-0400
Operating Frequency
φφφφ (MHz)
φφφφ = 14 MHz
φφφφ = 14.7456 MHz
φφφφ = 16 MHz
φφφφ = 17.2032 MHz
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
248
–0.17
3
64
0.70
3
70
0.03
3
75
0.48
150
2
181
0.16
2
191
0.00
2
207
0.16
2
223
0.00
300
2
90
0.16
2
95
0.00
2
103
0.16
2
111
0.00
600
1
181
0.16
1
191
0.00
1
207
0.16
1
223
0.00
1200
1
90
0.16
1
95
0.00
1
103
0.16
1
111
0.00
2400
0
181
0.16
0
191
0.00
0
207
0.16
0
223
0.00
4800
0
90
0.16
0
95
0.00
0
103
0.16
0
111
0.00
9600
0
45
–0.93
0
47
0.00
0
51
0.16
0
55
0.00
19200
0
22
–0.93
0
23
0.00
0
25
0.16
0
27
0.00
31250
0
13
0.00
0
14
–1.70
0
15
0.00
0
16
1.20
38400
———
0
11
0.00
0
12
0.16
0
13
0.00
Operating Frequency
φφφφ (MHz)
φφφφ = 18 MHz
φφφφ = 19.6608 MHz
φφφφ = 20 MHz
Bit Rate
(bits/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
79
–0.12
3
86
0.31
3
88
–0.25
150
2
233
0.16
2
255
0.00
3
64
0.16
300
2
116
0.16
2
127
0.00
2
129
0.16
600
1
233
0.16
1
255
0.00
2
64
0.16
1200
1
116
0.16
1
127
0.00
1
129
0.16
2400
0
233
0.16
0
255
0.00
1
64
0.16
4800
0
116
0.16
0
127
0.00
0
129
0.16
9600
0
58
–0.69
0
63
0.00
0
64
0.16
19200
0
28
1.02
0
31
0.00
0
32
–1.36
31250
0
17
0.00
0
19
–1.70
0
19
0.00
38400
0
14
–2.34
0
15
0.00
0
15
1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com