Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 489 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 489 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 485Page - Renesas Technology Corp HD6432147SW Datasheet HTML 486Page - Renesas Technology Corp HD6432147SW Datasheet HTML 487Page - Renesas Technology Corp HD6432147SW Datasheet HTML 488Page - Renesas Technology Corp HD6432147SW Datasheet HTML 489Page - Renesas Technology Corp HD6432147SW Datasheet HTML 490Page - Renesas Technology Corp HD6432147SW Datasheet HTML 491Page - Renesas Technology Corp HD6432147SW Datasheet HTML 492Page - Renesas Technology Corp HD6432147SW Datasheet HTML 493Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 445 of 1130
REJ09B0327-0400
Table 15.4
BRR Settings for Various Bit Rates (Synchronous Mode)
Operating Frequency
φφφφ (MHz)
Bit Rate
φφφφ = 2 MHz
φφφφ = 4 MHz
φφφφ = 8 MHz
φφφφ = 10 MHz
φφφφ = 16 MHz
φφφφ = 20 MHz
(bits/s)
nN
n
N
nN
nN
n
N
nN
110
3
70
——
250
2
124
2
249
3
124
——
3
249
500
1
249
2
124
2
249
——
3
124
——
1 k
1
124
1
249
2
124
——
2
249
——
2.5 k
0
199
1
99
1
199
1
249
2
99
2
124
5 k
0
99
0
199
1
99
1
124
1
199
1
249
10 k
0
49
0
99
0
199
0
249
1
99
1
124
25 k
0
19
0
39
0
79
0
99
0
159
0
199
50 k
0
9
0
19
0
39
0
49
0
79
0
99
100 k
0
4
0
9
0
19
0
24
0
39
0
49
250 k
0
1
0
3
0
7
0
9
0
15
0
19
500 k
0
0*
0
103
040
709
1 M
0
0*
01
0
304
2.5 M
0
0*
01
5 M
00*
Legend:
Blank: Cannot be set.
—: Can be set, but there will be a degree of error.
*: Continuous transfer is not possible.
Note:
As far as possible, the setting should be made so that the error is no more than 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com