Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 479Page - Renesas Technology Corp HD6432147SW Datasheet HTML 480Page - Renesas Technology Corp HD6432147SW Datasheet HTML 481Page - Renesas Technology Corp HD6432147SW Datasheet HTML 482Page - Renesas Technology Corp HD6432147SW Datasheet HTML 483Page - Renesas Technology Corp HD6432147SW Datasheet HTML 484Page - Renesas Technology Corp HD6432147SW Datasheet HTML 485Page - Renesas Technology Corp HD6432147SW Datasheet HTML 486Page - Renesas Technology Corp HD6432147SW Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 439 of 1130
REJ09B0327-0400
Bit 3—Parity Error (PER): Indicates that a parity error occurred during reception using parity
addition in asynchronous mode, causing abnormal termination.
Bit 3
PER
Description
0
[Clearing condition]
(Initial value)*
1
When 0 is written in PER after reading PER = 1
1
[Setting condition]
When, in reception, the number of 1 bits in the receive data plus the parity bit does not
match the parity setting (even or odd) specified by the O/
E bit in SMR*2
Notes: 1. The PER flag is not affected and retains its previous state when the RE bit in SCR is
cleared to 0.
2. If a parity error occurs, the receive data is transferred to RDR but the RDRF flag is not
set. Also, subsequent serial reception cannot be continued while the PER flag is set to
1. In synchronous mode, serial transmission cannot be continued, either.
Bit 2—Transmit End (TEND): Indicates that there is no valid data in TDR when the last bit of
the transmit character is sent, and transmission has been ended.
The TEND flag is read-only and cannot be modified.
Bit 2
TEND
Description
0
[Clearing conditions]
• When 0 is written in TDRE after reading TDRE = 1
• When the DTC is activated by a TXI interrupt and writes data to TDR
1
[Setting conditions]
(Initial value)
• When the TE bit in SCR is 0
• When TDRE = 1 at transmission of the last bit of a 1-byte serial transmit character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com