Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 227Page - Renesas Technology Corp HD6432147SW Datasheet HTML 228Page - Renesas Technology Corp HD6432147SW Datasheet HTML 229Page - Renesas Technology Corp HD6432147SW Datasheet HTML 230Page - Renesas Technology Corp HD6432147SW Datasheet HTML 231Page - Renesas Technology Corp HD6432147SW Datasheet HTML 232Page - Renesas Technology Corp HD6432147SW Datasheet HTML 233Page - Renesas Technology Corp HD6432147SW Datasheet HTML 234Page - Renesas Technology Corp HD6432147SW Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 187 of 1130
REJ09B0327-0400
7.2.7
DTC Enable Registers (DTCER)
7
DTCE7
0
R/W
6
DTCE6
0
R/W
5
DTCE5
0
R/W
4
DTCE4
0
R/W
3
DTCE3
0
R/W
0
DTCE0
0
R/W
2
DTCE2
0
R/W
1
DTCE1
0
R/W
Bit
Initial value
Read/Write
The DTC enable registers comprise five 8-bit readable/writable registers, DTCERA to DTCERE,
with bits corresponding to the interrupt sources that can activate the DTC. These bits enable or
disable DTC service for the corresponding interrupt sources.
The DTC enable registers are initialized to H'00 by a reset and in hardware standby mode.
Bit n—DTC Activation Enable (DTCEn)
Bit n
DTCEn
Description
0
DTC activation by interrupt is disabled
(Initial value)
[Clearing conditions]
• When data transfer ends with the DISEL bit set to 1
• When the specified number of transfers end
1
DTC activation by interrupt is enabled
[Holding condition]
When the DISEL bit is 0 and the specified number of transfers have not ended
Note:
n = 7 to 0
A DTCE bit can be set for each interrupt source that can activate the DTC. The correspondence
between interrupt sources and DTCE bits is shown in table 7.4, together with the vector number
generated by the interrupt controller in each case.
For DTCE bit setting, read/write operations must be performed using bit-manipulation instructions
such as BSET and BCLR. For the initial setting only, however, when multiple activation sources
are set at one time, it is possible to disable interrupts and write after executing a dummy read on
the relevant register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com