Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 228Page - Renesas Technology Corp HD6432147SW Datasheet HTML 229Page - Renesas Technology Corp HD6432147SW Datasheet HTML 230Page - Renesas Technology Corp HD6432147SW Datasheet HTML 231Page - Renesas Technology Corp HD6432147SW Datasheet HTML 232Page - Renesas Technology Corp HD6432147SW Datasheet HTML 233Page - Renesas Technology Corp HD6432147SW Datasheet HTML 234Page - Renesas Technology Corp HD6432147SW Datasheet HTML 235Page - Renesas Technology Corp HD6432147SW Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 188 of 1130
REJ09B0327-0400
7.2.8
DTC Vector Register (DTVECR)
7
SWDTE
0
R/(W)*
6
DTVEC6
0
R/W
5
DTVEC5
0
R/W
4
DTVEC4
0
R/W
3
DTVEC3
0
R/W
0
DTVEC0
0
R/W
2
DTVEC2
0
R/W
1
DTVEC1
0
R/W
A value of 1 can always be written to the SWDTE bit, but 0 can only be written after 1
is read.
Bit
Initial value
Read/Write
Note: *
DTVECR is an 8-bit readable/writable register that enables or disables DTC activation by
software, and sets a vector number for the software activation interrupt.
DTVECR is initialized to H'00 by a reset and in hardware standby mode.
Bit 7—DTC Software Activation Enable (SWDTE): Specifies enabling or disabling of DTC
software activation. To clear the SWDTE bit by software, read SWDTE when set to 1, then write 0
in the bit.
Bit 7
SWDTE
Description
0
DTC software activation is disabled
(Initial value)
[Clearing condition]
When the DISEL bit is 0 and the specified number of transfers have not ended
1
DTC software activation is enabled
[Holding conditions]
• When data transfer ends with the DISEL bit set to 1
• When the specified number of transfers end
• During software-activated data transfer
Bits 6 to 0—DTC Software Activation Vectors 6 to 0 (DTVEC6 to DTVEC0): These bits
specify a vector number for DTC software activation.
The vector address is H'0400 + (vector number) << 1 (where << 1 indicates a 1-bit left shift). For
example, if DTVEC6 to DTVEC0 = H'10, the vector address is H'0420.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com