Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 229Page - Renesas Technology Corp HD6432147SW Datasheet HTML 230Page - Renesas Technology Corp HD6432147SW Datasheet HTML 231Page - Renesas Technology Corp HD6432147SW Datasheet HTML 232Page - Renesas Technology Corp HD6432147SW Datasheet HTML 233Page - Renesas Technology Corp HD6432147SW Datasheet HTML 234Page - Renesas Technology Corp HD6432147SW Datasheet HTML 235Page - Renesas Technology Corp HD6432147SW Datasheet HTML 236Page - Renesas Technology Corp HD6432147SW Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 189 of 1130
REJ09B0327-0400
7.2.9
Module Stop Control Register (MSTPCR)
7
MSTP15
0
R/W
Bit
Initial value
Read/Write
6
MSTP14
0
R/W
5
MSTP13
1
R/W
4
MSTP12
1
R/W
3
MSTP11
1
R/W
2
MSTP10
1
R/W
1
MSTP9
1
R/W
0
MSTP8
1
R/W
7
MSTP7
1
R/W
6
MSTP6
1
R/W
5
MSTP5
1
R/W
4
MSTP4
1
R/W
3
MSTP3
1
R/W
2
MSTP2
1
R/W
1
MSTP1
1
R/W
0
MSTP0
1
R/W
MSTPCRH
MSTPCRL
MSTPCR, comprising two 8-bit readable/writable registers, performs module stop mode control.
When the MSTP14 bit in MSTPCR is set to 1, the DTC operation stops at the end of the bus cycle
and a transition is made to module stop mode. Note that 1 cannot be written to the MSTP14 bit
when the DTC is being activated. For details, see section 25.5, Module Stop Mode.
MSTPCR is initialized to H'3FFF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
MSTPCRH Bit 6—Module Stop (MSTP14): Specifies the DTC module stop mode.
MSTPCRH
Bit 6
MSTP14
Description
0
DTC module stop mode is cleared
(Initial value)
1
DTC module stop mode is set
7.3
Operation
7.3.1
Overview
When activated, the DTC reads register information that is already stored in memory and transfers
data on the basis of that register information. After the data transfer, it writes updated register
information back to memory. Pre-storage of register information in memory makes it possible to
transfer data over any required number of channels. Setting the CHNE bit to 1 makes it possible to
perform a number of transfers with a single activation.
Figure 7.2 shows a flowchart of DTC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com