Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 260Page - Renesas Technology Corp HD6432147SW Datasheet HTML 261Page - Renesas Technology Corp HD6432147SW Datasheet HTML 262Page - Renesas Technology Corp HD6432147SW Datasheet HTML 263Page - Renesas Technology Corp HD6432147SW Datasheet HTML 264Page - Renesas Technology Corp HD6432147SW Datasheet HTML 265Page - Renesas Technology Corp HD6432147SW Datasheet HTML 266Page - Renesas Technology Corp HD6432147SW Datasheet HTML 267Page - Renesas Technology Corp HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 220 of 1130
REJ09B0327-0400
Expanded Modes
Single-Chip Mode
Port
Description
Pins
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0)
Port 9
• 8-bit I/O port P97/
WAIT
I/O port also functioning as
expanded data bus control input
(
WAIT)
I/O port
P96/
φ/EXCL
When DDR =
0: input port or
EXCL input
When DDR =
1 (after reset):
φ output
When DDR = 0 (after reset): input port or EXCL
input
When DDR = 1:
φ output
P95/
AS/IOS
P94/
HWR
P93/
RD
Expanded data bus control
output(
AS/IOS, HWR, RD)
I/O port
P92/
IRQ0
P91/
IRQ1
I/O port also functioning as external interrupt input (
IRQ0, IRQ1)
P90/
LWR/
IRQ2/ADTRG
I/O port also functioning as
expanded data bus control output
(
LWR), external interrupt input
(
IRQ2), and A/D converter external
trigger input (
ADTRG)
I/O port also functioning as
external interrupt input
(
IRQ2) and A/D converter
external trigger input
(
ADTRG)
Port A
• 8-bit I/O port PA7 to PA0/
A23 to A16/
KIN15 to KIN8/
CIN15 to CIN8
I/O port also
functioning as
key-sense
interrupt input
(
KIN15 to
KIN8), and
expansion A/D
converter input
(CIN15 to
CIN8)
I/O port also
functioning as
address output (A23
to A16), key-sense
interrupt input
(
KIN15 to KIN8),
and expansion A/D
converter input
(CIN15 to CIN8)
I/O port also functioning as
key-sense interrupt input
(
KIN15 to KIN8) and
expansion A/D converter
input (CIN15 to CIN8)
Port B
• 8-bit I/O port PB7 to PB0/
D7 to D0
In 8-bit bus mode (ABW = 1): I/O
port
In 16-bit bus mode (ABW = 0): data
bus input/output (D7 to D0)
I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com