Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 263Page - Renesas Technology Corp HD6432147SW Datasheet HTML 264Page - Renesas Technology Corp HD6432147SW Datasheet HTML 265Page - Renesas Technology Corp HD6432147SW Datasheet HTML 266Page - Renesas Technology Corp HD6432147SW Datasheet HTML 267Page - Renesas Technology Corp HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp HD6432147SW Datasheet HTML 269Page - Renesas Technology Corp HD6432147SW Datasheet HTML 270Page - Renesas Technology Corp HD6432147SW Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 223 of 1130
REJ09B0327-0400
Port 1 Data Register (P1DR)
7
P17DR
0
R/W
6
P16DR
0
R/W
5
P15DR
0
R/W
4
P14DR
0
R/W
3
P13DR
0
R/W
0
P10DR
0
R/W
2
P12DR
0
R/W
1
P11DR
0
R/W
Bit
Initial value
R/W
P1DR is an 8-bit readable/writable register that stores output data for the port 1 pins (P17 to P10).
If a port 1 read is performed while P1DDR bits are set to 1, the P1DR values are read directly,
regardless of the actual pin states. If a port 1 read is performed while P1DDR bits are cleared to 0,
the pin states are read.
P1DR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.
Port 1 MOS Pull-Up Control Register (P1PCR)
7
P17PCR
0
R/W
6
P16PCR
0
R/W
5
P15PCR
0
R/W
4
P14PCR
0
R/W
3
P13PCR
0
R/W
0
P10PCR
0
R/W
2
P12PCR
0
R/W
1
P11PCR
0
R/W
Bit
Initial value
R/W
P1PCR is an 8-bit readable/writable register that controls the port 1 built-in MOS input pull-ups
on a bit-by-bit basis.
In modes 2 and 3, the MOS input pull-up is turned on when a P1PCR bit is set to 1 while the
corresponding P1DDR bit is cleared to 0 (input port setting).
P1PCR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com