Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 262Page - Renesas Technology Corp HD6432147SW Datasheet HTML 263Page - Renesas Technology Corp HD6432147SW Datasheet HTML 264Page - Renesas Technology Corp HD6432147SW Datasheet HTML 265Page - Renesas Technology Corp HD6432147SW Datasheet HTML 266Page - Renesas Technology Corp HD6432147SW Datasheet HTML 267Page - Renesas Technology Corp HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp HD6432147SW Datasheet HTML 269Page - Renesas Technology Corp HD6432147SW Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 222 of 1130
REJ09B0327-0400
8.2.2
Register Configuration
Table 8.4 shows the port 1 register configuration.
Table 8.4
Port 1 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 1 data direction register
P1DDR
W
H'00
H'FFB0
Port 1 data register
P1DR
R/W
H'00
H'FFB2
Port 1 MOS pull-up control
register
P1PCR
R/W
H'00
H'FFAC
Note:
*
Lower 16 bits of the address.
Port 1 Data Direction Register (P1DDR)
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
0
P10DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
Bit
Initial value
Read/Write
P1DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 1. P1DDR cannot be read; if it is, an undefined value will be returned.
P1DDR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode. The address output pins maintain their output state in a transition to
software standby mode.
• Mode 1
The corresponding port 1 pins are address outputs, regardless of the P1DDR setting.
In hardware standby mode, the address outputs go to the high-impedance state.
• Modes 2 and 3 (EXPE = 1)
The corresponding port 1 pins are address outputs or PWM outputs when P1DDR bits are set
to 1, and input ports when cleared to 0.
• Modes 2 and 3 (EXPE = 0)
The corresponding port 1 pins are output ports or PWM outputs when P1DDR bits are set to 1,
and input ports when cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com