Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 265Page - Renesas Technology Corp HD6432147SW Datasheet HTML 266Page - Renesas Technology Corp HD6432147SW Datasheet HTML 267Page - Renesas Technology Corp HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp HD6432147SW Datasheet HTML 269Page - Renesas Technology Corp HD6432147SW Datasheet HTML 270Page - Renesas Technology Corp HD6432147SW Datasheet HTML 271Page - Renesas Technology Corp HD6432147SW Datasheet HTML 272Page - Renesas Technology Corp HD6432147SW Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 225 of 1130
REJ09B0327-0400
A7 (Output)
A6 (Output)
A5 (Output)
A4 (Output)
A3 (Output)
A2 (Output)
A1 (Output)
A0 (Output)
Port 1
When P1DDR = 1
and PWOERA = 0
P17 (Input)
P16 (Input)
P15 (Input)
P14 (Input)
P13 (Input)
P12 (Input)
P11 (Input)
P10 (Input)
When P1DDR = 0
PW7 (Output)
PW6 (Output)
PW5 (Output)
PW4 (Output)
PW3 (Output)
PW2 (Output)
PW1 (Output)
PW0 (Output)
When P1DDR = 1
and PWOERA = 1
Figure 8.3 Port 1 Pin Functions (Modes 2 and 3 (EXPE = 1))
Modes 2 and 3 (EXPE = 0)
In modes 2 and 3 (when EXPE = 0), port 1 pins function as PWM outputs or I/O ports, and input
or output can be specified on a bit-by-bit basis. When a bit in P1DDR is set to 1, the
corresponding pin functions as a PWM output or output port, and when cleared to 0, as an input
port.
The port 1 pin functions are shown in figure 8.4.
P17 (I/O)
P16 (I/O)
P15 (I/O)
P14 (I/O)
P13 (I/O)
P12 (I/O)
P11 (I/O)
P10 (I/O)
Port 1
P1n: Input pin when P1DDR = 0,
output pin when P1DDR = 1
and PWOERA = 0
PW7 (Output)
PW6 (Output)
PW5 (Output)
PW4 (Output)
PW3 (Output)
PW2 (Output)
PW1 (Output)
PW0 (Output)
When P1DDR = 1
and PWOERA = 1
Figure 8.4 Port 1 Pin Functions (Modes 2 and 3 (EXPE = 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com