Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp HD6432147SW Datasheet HTML 269Page - Renesas Technology Corp HD6432147SW Datasheet HTML 270Page - Renesas Technology Corp HD6432147SW Datasheet HTML 271Page - Renesas Technology Corp HD6432147SW Datasheet HTML 272Page - Renesas Technology Corp HD6432147SW Datasheet HTML 273Page - Renesas Technology Corp HD6432147SW Datasheet HTML 274Page - Renesas Technology Corp HD6432147SW Datasheet HTML 275Page - Renesas Technology Corp HD6432147SW Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 228 of 1130
REJ09B0327-0400
8.3.2
Register Configuration
Table 8.6 shows the port 2 register configuration.
Table 8.6
Port 2 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 2 data direction register
P2DDR
W
H'00
H'FFB1
Port 2 data register
P2DR
R/W
H'00
H'FFB3
Port 2 MOS pull-up control
register
P2PCR
R/W
H'00
H'FFAD
Note:
*
Lower 16 bits of the address.
Port 2 Data Direction Register (P2DDR)
7
P27DDR
0
W
6
P26DDR
0
W
5
P25DDR
0
W
4
P24DDR
0
W
3
P23DDR
0
W
0
P20DDR
0
W
2
P22DDR
0
W
1
P21DDR
0
W
Bit
Initial value
Read/Write
P2DDR is an 8-bit write-only register, the individual bits of which specify input or output for the
pins of port 2. P2DDR cannot be read; if it is, an undefined value will be returned.
P2DDR is initialized to H'00 by a reset and in hardware standby mode. It retains its prior state in
software standby mode. The address output pins maintain their output state in a transition to
software standby mode.
• Mode 1
The corresponding port 2 pins are address outputs, regardless of the P2DDR setting.
In hardware standby mode, the address outputs go to the high-impedance state.
• Modes 2 and 3 (EXPE = 1)
The corresponding port 2 pins are address outputs or PWM outputs when P2DDR bits are set
to 1, and input ports when cleared to 0. P27 to P24 are switched from address outputs to output
ports by setting the IOSE bit to 1.
P27 can be used as an on-chip supporting module output pin regardless of the P27DDR setting,
but to ensure normal access to external space, P27 should not be set as an on-chip supporting
module output pin when port 2 pins are used as address output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com