Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 267Page - Renesas Technology Corp HD6432147SW Datasheet HTML 268Page - Renesas Technology Corp HD6432147SW Datasheet HTML 269Page - Renesas Technology Corp HD6432147SW Datasheet HTML 270Page - Renesas Technology Corp HD6432147SW Datasheet HTML 271Page - Renesas Technology Corp HD6432147SW Datasheet HTML 272Page - Renesas Technology Corp HD6432147SW Datasheet HTML 273Page - Renesas Technology Corp HD6432147SW Datasheet HTML 274Page - Renesas Technology Corp HD6432147SW Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 227 of 1130
REJ09B0327-0400
P27/A15/PW15/CBLANK
P26/A14/PW14
P25/A13/PW13
P24/A12/PW12
P23/A11/PW11
P22/A10/PW10
P21/A9/PW9
P20/A8/PW8
Port 2
Port 2 pins
A15 (Output)
A14 (Output)
A13 (Output)
A12 (Output)
A11 (Output)
A10 (Output)
A9 (Output)
A8 (Output)
Pin functions in mode 1
A15 (Output)/P27 (I/O)/PW15 (Output)/CBLANK (Output)
A14 (Output)/P26 (I/O)/PW14 (Output)
A13 (Output)/P25 (I/O)/PW13 (Output)
A12 (Output)/P24 (I/O)/PW12 (Output)
A11 (Output)/P23 (Input)/PW11 (Output)
A10 (Output)/P22 (Input)/PW10 (Output)
A9 (Output)/P21 (Input)/PW9 (Output)
A8 (Output)/P20 (Input)/PW8 (Output)
Pin functions in modes 2 and 3 (EXPE = 1)
P27 (I/O)/PW15 (Output)/CBLANK (Output)
P26 (I/O)/PW14 (Output)
P25 (I/O)/PW13 (Output)
P24 (I/O)/PW12 (Output)
P23 (I/O)/PW11 (Output)
P22 (I/O)/PW10 (Output)
P21 (I/O)/PW9 (Output)
P20 (I/O)/PW8 (Output)
Pin functions in modes 2 and 3 (EXPE = 0)
Figure 8.5 Port 2 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com