Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 358 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 358 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 354Page - Renesas Technology Corp HD6432607 Datasheet HTML 355Page - Renesas Technology Corp HD6432607 Datasheet HTML 356Page - Renesas Technology Corp HD6432607 Datasheet HTML 357Page - Renesas Technology Corp HD6432607 Datasheet HTML 358Page - Renesas Technology Corp HD6432607 Datasheet HTML 359Page - Renesas Technology Corp HD6432607 Datasheet HTML 360Page - Renesas Technology Corp HD6432607 Datasheet HTML 361Page - Renesas Technology Corp HD6432607 Datasheet HTML 362Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 710 page
background image
Section 11 Programmable Pulse Generator (PPG)
Rev. 1.00 Jan. 29, 2008 Page 318 of 666
REJ09B0427-0100
11.3.1
Next Data Enable Registers H, L (NDERH, NDERL)
NDERH and NDERL are 8-bit readable/writable registers that enable or disable pulse output on a
bit-by-bit basis. The corresponding DDR also needs to be set to 1 in order to enable pulse output
by the PPG.
• NDERH
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
NDER15
NDER14
NDER13
NDER12
NDER11
NDER10
NDER9
NDER8
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Enable 8 to 15
When a bit is set to 1 for pulse output by NDRH, the
value in the corresponding NDRH bit is transferred to
the PODRH bit by the selected output trigger. Values
are not transferred from NDRH to PODRH for cleared
bits.
• NDERL
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
NDER7
NDER6
NDER5
NDER4
NDER3
NDER2
NDER1
NDER0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Enable 0 to 7
When a bit is set to 1 for pulse output by NDRL, the
value in the corresponding NDRL bit is transferred to
the PODRL bit by the selected output trigger. Values
are not transferred from NDRL to PODRL for cleared
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com