Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 47Page - Renesas Technology Corp HD6432607 Datasheet HTML 48Page - Renesas Technology Corp HD6432607 Datasheet HTML 49Page - Renesas Technology Corp HD6432607 Datasheet HTML 50Page - Renesas Technology Corp HD6432607 Datasheet HTML 51Page - Renesas Technology Corp HD6432607 Datasheet HTML 52Page - Renesas Technology Corp HD6432607 Datasheet HTML 53Page - Renesas Technology Corp HD6432607 Datasheet HTML 54Page - Renesas Technology Corp HD6432607 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 710 page
background image
Section 1 Overview
Rev. 1.00 Jan. 29, 2008 Page 11 of 666
REJ09B0427-0100
Type
Symbol
Pin No.
I/O
Name and Function
Operating mode
control
MD2 to
MD0
118 to 116 Input
These pins set the operating mode.
These pins should not be changed while
this LSI is operating.
System control
RES
73
Input
Reset pin
When this pin is driven low, the chip is
reset.
STBY
87
Input
When this pin is driven low, a transition
is made to hardware standby mode.
FEW*
86
Input
Pin for flash memory
Interrupts
NMI
74
Input
Requests a nonmaskable interrupt.
When this pin is not used, it should be
fixed high.
IRQ5 to
IRQ0
72, 69, 42,
119, 95, 93
Input
These pins request a maskable
interrupt.
Address bus
A23 to A0
92 to 89,
8 to 5,
120 to 126,
128,
9 to 16
Output
These pins output an address.
Data bus
D15 to D0
17 to 23,
25,
27 to 34
I/O
These pins constitute a bidirectional
data bus.
AS
39
Output
When this pin is low, it indicates that
address output on the address bus is
enabled.
RD
40
Output
When this pin is low, it indicates that the
external address space can be read.
HWR
41
Output
A strobe signal that writes to external
space and indicates that the upper half
(D15 to D8) of the data bus is enabled.
Bus control
LWR
42
Output
A strobe signal that writes to external
space and indicates that the lower half
(D7 to D0) of the data bus is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com