Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 91Page - Renesas Technology Corp HD6432607 Datasheet HTML 92Page - Renesas Technology Corp HD6432607 Datasheet HTML 93Page - Renesas Technology Corp HD6432607 Datasheet HTML 94Page - Renesas Technology Corp HD6432607 Datasheet HTML 95Page - Renesas Technology Corp HD6432607 Datasheet HTML 96Page - Renesas Technology Corp HD6432607 Datasheet HTML 97Page - Renesas Technology Corp HD6432607 Datasheet HTML 98Page - Renesas Technology Corp HD6432607 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 710 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Jan. 29, 2008 Page 55 of 666
REJ09B0427-0100
3.2.2
System Control Register (SYSCR)
SYSCR selects saturating or non-saturating calculation for the MAC instruction, selects the
interrupt control mode and the detected edge for NMI, and enables or disables on-chip RAM.
Bit
Bit Name
Initial
Value
R/W
Descriptions
7
MACS
0
R/W
MAC Saturation
Selects either saturating or non-saturating calculation
for the MAC instruction.
0: Non-saturating calculation for the MAC instruction
1: Saturating calculation for the MAC instruction
6
0
Reserved
This bit is always read as 0 and cannot be modified.
5
4
INTM1
INTM0
0
0
R/W
R/W
These bits select the control mode of the interrupt
controller. For details of the interrupt control modes, see
section 5.6, Interrupt Control Modes and Interrupt
Operation.
00: Interrupt control mode 0
01: Setting prohibited
10: Interrupt control mode 2
11: Setting prohibited
3
NMIEG
0
R/W
NMI Edge Select
Selects the valid edge of the NMI interrupt input.
0: An interrupt is requested at the falling edge of NMI
input
1: An interrupt is requested at the rising edge of NMI
input
2, 1
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
0
RAME
1
R/W
RAM Enable
Enables or disables on-chip RAM. The RAME bit is
initialized when the reset status is released.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com