Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 92Page - Renesas Technology Corp HD6432607 Datasheet HTML 93Page - Renesas Technology Corp HD6432607 Datasheet HTML 94Page - Renesas Technology Corp HD6432607 Datasheet HTML 95Page - Renesas Technology Corp HD6432607 Datasheet HTML 96Page - Renesas Technology Corp HD6432607 Datasheet HTML 97Page - Renesas Technology Corp HD6432607 Datasheet HTML 98Page - Renesas Technology Corp HD6432607 Datasheet HTML 99Page - Renesas Technology Corp HD6432607 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 710 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Jan. 29, 2008 Page 56 of 666
REJ09B0427-0100
3.3
Operating Mode Descriptions
3.3.1
Mode 4
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Ports 1, A, B, and C function as an address bus, ports D and E function as a data bus, and part of
port F carries bus control signals.
The bus mode immediately after a reset is 16 bits, with 16-bit access to all areas. However, note
that if 8-bit access is designated by the bus controller for all areas, the bus mode switches to 8 bits.
3.3.2
Mode 5
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Ports1, A, B, and C function as an address bus, port D functions as a data bus, and part of port F
carries bus control signals.
The bus mode immediately after a reset is 8 bits, with 8-bit access to all areas. However, note that
if 16-bit access is designated by the bus controller for any area, the bus mode switches to 16 bits
and port E becomes a data bus.
3.3.3
Mode 6
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled.
Ports 1, A, B, and C function as input port pins immediately after a reset. Address output can be
performed by setting the corresponding DDR (data direction register) bits to 1. Port D functions as
a data bus, and part of port F carries bus control signals.
The bus mode immediately after a reset is 8 bits, with 8-bit access to all areas. However, note that
if 16-bit access is designated by the bus controller for any area, the bus mode switches to 16 bits
and port E becomes a data bus.
3.3.4
Mode 7
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is enabled,
but external addresses cannot be accessed. All I/O ports are available for use as input/output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com