Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 34Page - Renesas Technology Corp HD6432607 Datasheet HTML 35Page - Renesas Technology Corp HD6432607 Datasheet HTML 36Page - Renesas Technology Corp HD6432607 Datasheet HTML 37Page - Renesas Technology Corp HD6432607 Datasheet HTML 38Page - Renesas Technology Corp HD6432607 Datasheet HTML 39Page - Renesas Technology Corp HD6432607 Datasheet HTML 40Page - Renesas Technology Corp HD6432607 Datasheet HTML 41Page - Renesas Technology Corp HD6432607 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 710 page
background image
Rev. 1.00 Jan. 29, 2008 Page xxxviii of xl
Table 14.3
I2C Transfer Rate .................................................................................................. 434
Table 14.4
Flags and Transfer States...................................................................................... 441
Table 14.5
I2C Bus Data Format Symbols.............................................................................. 449
Table 14.6
Examples of Operation Using the DTC ................................................................ 469
Table 14.7
I2C Bus Timing (SCL and SDA Output) .............................................................. 472
Table 14.8
Permissible SCL Rise Time (tSr) Values............................................................... 473
Table 14.9
I2C Bus Timing (with Maximum Influence of tSr/tSf)............................................ 475
Section 15 A/D Converter
Table 15.1
Pin Configuration.................................................................................................. 487
Table 15.2
Analog Input Channels and Corresponding ADDR Registers .............................. 488
Table 15.3
A/D Conversion Time (Single Mode)................................................................... 494
Table 15.4
A/D Conversion Time (Scan Mode) ..................................................................... 494
Table 15.5
A/D Converter Interrupt Source............................................................................ 495
Table 15.6
Analog Pin Specifications..................................................................................... 501
Section 16 D/A Converter
Table 16.1
Pin Configuration.................................................................................................. 504
Table 16.2
D/A Channel Enable ............................................................................................. 506
Section 17 Motor Control PWM Timer (PWM)
Table 17.1
Pin Configuration.................................................................................................. 512
Table 17.2
Output Selection by OTS Bit ................................................................................ 519
Table 17.3
Output Selection by TDS Bit ................................................................................ 524
Section 19 ROM
Table 19.1
Differences between Boot Mode and User Program Mode .................................. 535
Table 19.2
Pin Configuration.................................................................................................. 540
Table 19.3
Setting On-Board Programming Modes ............................................................... 547
Table 19.4
Boot Mode Operation ........................................................................................... 549
Table 19.5
System Clock Frequencies for which Automatic Adjustment of
LSI Bit Rate is Possible ........................................................................................ 549
Table 19.6
Flash Memory Operating States............................................................................ 560
Table 19.7
Registers Present in F-ZTAT Version but Absent in Mask ROM Version........... 563
Section 20 Clock Pulse Generator
Table 20.1
Damping Resistance Value................................................................................... 568
Table 20.2
Crystal Resonator Characteristics ......................................................................... 569
Table 20.3
External Clock Input Conditions .......................................................................... 570
Section 21 Power-Down Modes
Table 21.1
LSI Internal States in Each Mode ......................................................................... 576
Table 21.2
Power-Down Mode Transition Conditions ........................................................... 578



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com