Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 57Page - Renesas Technology Corp HD6432607 Datasheet HTML 58Page - Renesas Technology Corp HD6432607 Datasheet HTML 59Page - Renesas Technology Corp HD6432607 Datasheet HTML 60Page - Renesas Technology Corp HD6432607 Datasheet HTML 61Page - Renesas Technology Corp HD6432607 Datasheet HTML 62Page - Renesas Technology Corp HD6432607 Datasheet HTML 63Page - Renesas Technology Corp HD6432607 Datasheet HTML 64Page - Renesas Technology Corp HD6432607 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 710 page
background image
Section 2 CPU
Rev. 1.00 Jan. 29, 2008 Page 21 of 666
REJ09B0427-0100
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions
uses an 8-bit absolute address included in the instruction code to specify a memory operand
that contains a branch address. In advanced mode the operand is a 32-bit longword operand,
providing a 32-bit branch address. The upper 8 bits of these 32 bits is a reserved area that is
regarded as H'00. Branch addresses can be stored in the area from H'00000000 to H'000000FF.
Note that the first part of this range is also used for the exception vector table.
• Stack Structure
In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine
call, and the PC, condition-code register (CCR), and extended control register (EXR) are
pushed onto the stack in exception handling, they are stored as shown in figure 2.4. When
EXR is not pushed onto the stack in interrupt control mode 0. For details, see section 4,
Exception Handling.
PC
(24 bits)
EXR*1
Reserved*1, *3
CCR
PC
(24 bits)
SP
SP
(SP
*2
Reserved
(a) Subroutine Branch
(b) Exception Handling
Notes: 1. When EXR is not used it is not stored on the stack.
2. SP when EXR is not used.
3. Ignored when returning.
)
Figure 2.4 Stack Structure in Advanced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com