Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 39Page - Renesas Technology Corp HD6432607 Datasheet HTML 40Page - Renesas Technology Corp HD6432607 Datasheet HTML 41Page - Renesas Technology Corp HD6432607 Datasheet HTML 42Page - Renesas Technology Corp HD6432607 Datasheet HTML 43Page - Renesas Technology Corp HD6432607 Datasheet HTML 44Page - Renesas Technology Corp HD6432607 Datasheet HTML 45Page - Renesas Technology Corp HD6432607 Datasheet HTML 46Page - Renesas Technology Corp HD6432607 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 710 page
background image
Section 1 Overview
Rev. 1.00 Jan. 29, 2008 Page 3 of 666
REJ09B0427-0100
1.2
Block Diagram
Figure 1.1 shows a block diagram.
Port D
PA3 / A19/SCK2
PA2 / A18/RxD2
PA1 / A17/TxD2
PA0 / A16
PB7 / A15/TIOCB5
PB6 / A14/TIOCA5
PB5 / A13/TIOCB4
PB4 / A12/TIOCA4
PB3 / A11/TIOCD3
PB2 / A10/TIOCC3
PB1 / A9/TIOCB3
PB0 / A8/TIOCA3
PC7 / A7
PC6 / A6
PC5 / A5
PC4 / A4
PC3 / A3
PC2 / A2
PC1 / A1
PC0 / A0
P35 / SCK1/
IRQ5
P34 / RxD1
P33 / TxD1
P32 / SCK0/
IRQ4
P31 / RxD0
P30 / TxD0
P93 / AN11
P92 / AN10
P91 / AN9
P90 / AN8
PF7 /
φ
PF6 /
AS
PF5 /
RD
PF4 /
HWR
PF3 /
LWR/ADTRG/IRQ3
PF0 /
IRQ2
ROM
(flash memory,
mask ROM)
RAM
WDT
× 2 channels
TPU
SCI
× 3 channels
D/A converter
Motor control PWM timer
A/D converter
PPG
VCL
MD2
MD1
MD0
OSC2
OSC1
EXTAL
XTAL
PLLCAP
STBY
RES
NMI
FWE*
H8S/2600 CPU
DTC
Interrupt controller
PC break controller
Port E
Port 4
Port 1
PH0/ P W M 1 A
PH1/ P W M 1 B
PH2/ P W M 1 C
PH3/ P W M 1 D
PH4/ P W M 1 E
PH5/ P W M 1 F
PH6/ P W M 1 G
PH7/ P W M 1 H
PJ0/PWM2A
PJ1/PWM2B
PJ2/PWM2C
PJ3/PWM2D
PJ4/PWM2E
PJ5/PWM2F
PJ6/PWM2G
PJ7/PWM2H
PLL
Notes: 1. Subclock functions (subactive mode, subsleep mode, and watch mode) are available in the U-mask version.
These functions cannot be used with the other versions.
See section 20.6, Subclock Oscillator, for the method of fixing pins OSC1 and OSC2.
2. The FWE pin only applies to the flash memory version.
The FWE pin is a NC pin in the mask ROM versions.
In the mask ROM version, the FWE pin must be left open or be connected to Vss.
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com