Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 49Page - Renesas Technology Corp HD6432607 Datasheet HTML 50Page - Renesas Technology Corp HD6432607 Datasheet HTML 51Page - Renesas Technology Corp HD6432607 Datasheet HTML 52Page - Renesas Technology Corp HD6432607 Datasheet HTML 53Page - Renesas Technology Corp HD6432607 Datasheet HTML 54Page - Renesas Technology Corp HD6432607 Datasheet HTML 55Page - Renesas Technology Corp HD6432607 Datasheet HTML 56Page - Renesas Technology Corp HD6432607 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 710 page
background image
Section 1 Overview
Rev. 1.00 Jan. 29, 2008 Page 13 of 666
REJ09B0427-0100
Type
Symbol
Pin No.
I/O
Name and Function
SCL0
SCL1
72
70
I/O
I
2C clock I/O pins that can drive the bus
The output type of SCL0 is NMOS open-
drain.
I
2C bus interface (IIC)
SDA0
SDA1
71
69
I/O
I
2C data I/O pins that can drive the bus
The output type of SDA0 is NMOS open-
drain.
A/D converter
AN11 to
AN0
114 to 103 Input
Analog input pins
ADTRG
42
Input
Pin for input of an external trigger to
start A/D conversion
D/A converter
DA1
DA0
110
109
Output
D/A converter analog output pins
A/D converter/
D/A converter
AVcc
101
Input
Power supply pin for A/D converter or
D/A converter
If the A/D converter or D/A converter is
not used, connect this pin to the system
power supply (+5 V).
AVss
115
Input
Ground pin for for A/D converter or D/A
converter
Connect this pin to the system power
supply (0 V).
Vref
102
Input
Reference voltage input pin for A/D
converter or D/A converter
If the A/D converter is not used, connect
this pin to the system power supply (+5
V).
Motor control PWM
timer
PWM1A to
PWM1H
53 to 50,
48 to 45
Output
Motor control PWM timer channel 1
output pins
PWM2A to
PWM2H
63 to 60,
58 to 55
Output
Motor control PWM timer channel 2
output pins
PWMVCC
49, 59
Input
Motor control PWM power supply pins
If the motor control is not used, connect
these pins to the system power supply
(+5V).
PWMVSS
44, 54, 64
Input
Motor control PWM ground pins
Connect these pins to the system power
supply (0V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com