Electronic Components Datasheet Search
  English  ▼

X  

HD6432607 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # HD6432607
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  710 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432607 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button HD6432607 Datasheet HTML 46Page - Renesas Technology Corp HD6432607 Datasheet HTML 47Page - Renesas Technology Corp HD6432607 Datasheet HTML 48Page - Renesas Technology Corp HD6432607 Datasheet HTML 49Page - Renesas Technology Corp HD6432607 Datasheet HTML 50Page - Renesas Technology Corp HD6432607 Datasheet HTML 51Page - Renesas Technology Corp HD6432607 Datasheet HTML 52Page - Renesas Technology Corp HD6432607 Datasheet HTML 53Page - Renesas Technology Corp HD6432607 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 710 page
background image
Section 1 Overview
Rev. 1.00 Jan. 29, 2008 Page 10 of 666
REJ09B0427-0100
1.3.3
Pin Functions
Table 1.2 shows pin functions.
Table 1.2
Pin Functions
Type
Symbol
Pin No.
I/O
Name and Function
Power supply
Vcc
1, 2, 24, 81 Input
Power supply pins
These pins should be connected to the
system power supply.
Vss
26, 35, 36,
43, 67, 68,
76, 84, 99,
127
Input
Ground pins
These pins should be connected to the
system power supply (0 V).
VCL
82
Output
Connect to Vss via a 0.1
µF capacitor
(which should be located near the pin).
Do not connect this pin to an external
power supply.
Clock
PLLVss
77
Input
Ground pin for on-chip PLL oscillator
PLLCAP
75
Input
External capacitance pin for on-chip PLL
oscillator
XTAL
83
Input
EXTAL
85
Input
Connects to a crystal oscillator.
See section 20, Clock Pulse Generator,
for typical connection diagrams for a
crystal oscillator.
The EXTAL pin can also input an
external clock.
OSC1
79
Input
OSC2
78
Input
Connects to a 32.768-kHz crystal
oscillator. See section 20, Clock Pulse
Generator, for typical connection
diagrams for a crystal oscillator.
φ
88
Output
Supplies the system clock to an external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com